Electronic Components Datasheet Search
  English  ▼

X  

CS48L32 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 37Page - Cirrus Logic CS48L32 Datasheet HTML 38Page - Cirrus Logic CS48L32 Datasheet HTML 39Page - Cirrus Logic CS48L32 Datasheet HTML 40Page - Cirrus Logic CS48L32 Datasheet HTML 41Page - Cirrus Logic CS48L32 Datasheet HTML 42Page - Cirrus Logic CS48L32 Datasheet HTML 43Page - Cirrus Logic CS48L32 Datasheet HTML 44Page - Cirrus Logic CS48L32 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 192 page
background image
DS1219F4
Cirrus Logic
41
CS48L32
4.2 Input Signal Path
The auxiliary PDM interface control registers are described in Table 4-8.
Table 4-8. Auxiliary PDM Interface Control
Register Address
Bit
Label
Default
Description
R4188 (0x105C)
AUXPDM_CTRL2
7:4
AUXPDM2_DOUT_
SRC[3:0]
0x0
Auxiliary PDM 2 data source
0x0 = Analog (mono, selected using AUXPDM2_SRC)
0x1 = Digital (stereo, from IN1_PDMDATA)
0x2 = Digital (stereo, from IN2_PDMDATA)
All other codes are reserved
3:0
AUXPDM1_DOUT_
SRC[3:0]
0x0
Auxiliary PDM 1 data source
0x0 = Analog (mono, selected using AUXPDM1_SRC)
0x1 = Digital (stereo, from IN1_PDMDATA)
0x2 = Digital (stereo, from IN2_PDMDATA)
All other codes are reserved
R16396 (0x400C)
INPUT_
CONTROL2
3:0
PDM_FLLCLK_
SRC[3:0]
0x0
PDM_CLK source select for FLL input reference
(Only valid if the respective interface is configured in Slave Mode)
0x8 = AUXPDM1_CLK
0x9 = AUXPDM2_CLK
All other codes are reserved
R17152 (0x4300)
AUXPDM_
CONTROL1
1
AUXPDM2_EN
0
Auxiliary PDM 2 enable
0 = Disabled
1 = Enabled
0
AUXPDM1_EN
0
Auxiliary PDM 1 enable
0 = Disabled
1 = Enabled
R17156 (0x4304)
AUXPDM_
CONTROL2
1
AUXPDM2_MUTE
0
Auxiliary PDM 2 mute
0 = Unmute
1 = Mute
0
AUXPDM1_MUTE
0
Auxiliary PDM 1 mute
0 = Unmute
1 = Mute
R17160 (0x4308)
AUXPDM1_
CONTROL1
17:16 AUXPDM1_FREQ[1:0]
01
Auxiliary PDM 1 CLK rate
00 = 3.072 MHz (2.8824 MHz)
01 = 2.048 MHz (1.8816 MHz)
10 = 1.536 MHz (1.4112 MHz)
11 = 768 kHz (705.6 kHz)
The frequencies in brackets apply for 44.1 kHz–related sample rates only (i.e.,
if SYSCLK_FRAC = 1). The Auxiliary PDM interface must be disabled when
updating this field.
11:8 AUXPDM1_SRC[3:0]
0x0
Auxiliary PDM 1 analog source
0x0 = IN1L
0x1 = IN1R
All other codes are reserved
Only valid if AUXPDM1_DOUT_SRC = 0x0. The Auxiliary PDM interface must
be disabled when updating this field.
4
AUXPDM1_TXEDGE
0
Auxiliary PDM 1 timing
0 = Output data is driven on rising edge of AUXPDM1_CLK
1 = Output data is driven on falling edge of AUXPDM1_CLK
The Auxiliary PDM interface must be disabled when updating this field.
3
AUXPDM1_MSTR
1
Auxiliary PDM 1 Master Mode select
0 = AUXPDM1_CLK Slave Mode (input)
1 = AUXPDM1_CLK Master mode (output)
The Auxiliary PDM interface must be disabled when updating this field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com