Electronic Components Datasheet Search
  English  ▼

X  

CS48L32 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 2Page - Cirrus Logic CS48L32 Datasheet HTML 3Page - Cirrus Logic CS48L32 Datasheet HTML 4Page - Cirrus Logic CS48L32 Datasheet HTML 5Page - Cirrus Logic CS48L32 Datasheet HTML 6Page - Cirrus Logic CS48L32 Datasheet HTML 7Page - Cirrus Logic CS48L32 Datasheet HTML 8Page - Cirrus Logic CS48L32 Datasheet HTML 9Page - Cirrus Logic CS48L32 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 192 page
background image
6
Cirrus Logic
DS1219F4
CS48L32
1.3 Pin Descriptions
SPI1_MISO
H4
26
VDD_IO
O
SPI1 control interface Master In Slave Out data.
SPI1_MISO is high impedance if SPI1_SS is not
asserted.
Z/C
Output
SPI1_MOSI
F4
24
VDD_IO
I
SPI1 control interface Master Out Slave In data
H/OD
Input
SPI1_SCK
E4
23
VDD_IO
I
SPI1 control interface clock input
H
Input
SPI1_SS
G4
25
VDD_IO
I
SPI1 control interface slave select
H
Input
SPI2_SCK/
GPIO12
E2
41
VDD_IO
I/O
SPI master interface clock output/GPIO12
PU/PD/K/H/
C/OD
GPIO12 input
with bus-keeper
SPI2_SIO0/
GPIO13
G1
33
VDD_IO
I/O
SPI master interface Data 0 input/output/
GPIO13
PU/PD/K/H/
C/OD
GPIO13 input
with bus-keeper
SPI2_SIO1/
GPIO14
F1
40
VDD_IO
I/O
SPI master interface Data 1 input/output/
GPIO14
PU/PD/K/H/
C/OD
GPIO14 input
with bus-keeper
SPI2_SIO2/
GPIO15
D3
42
VDD_IO
I/O
SPI master interface Data 2 input/output/
GPIO15
PU/PD/K/H/
C/OD
GPIO15 input
with bus-keeper
SPI2_SIO3/
GPIO16
H2
32
VDD_IO
I/O
SPI master interface Data 3 input/output/
GPIO16
PU/PD/K/H/
C/OD
GPIO16 input
with bus-keeper
SPI2_SS/
GPIO11
D2
34
VDD_IO
I/O
SPI master interface slave select/GPIO11
PU/PD/K/H/
C/OD
GPIO11 input
with bus-keeper
Supply
GND_A
A4
GND [2]
—
—
Analog ground (return path for VDD_A)
—
—
GND_CP
A8, B7
GND [2]
—
—
Charge pump ground (return path for VDD_CP)
—
—
GND_D
E1, G3,
G6
GND [2]
—
—
Digital ground (return path for VDD_D and VDD_
IO)
——
GND_SUB
A1, A2,
D8
GND [2]
—
—
Substrate ground (also return path for VDD_
FLL)
——
VDD_A
A3
50
—
—
Analog supply
—
—
VDD_D
D1, H6
20, 43
—
—
Digital core supply
—
—
VDD_FLL
E8
6
—
—
Analog FLL supply
—
—
VDD_IO
H3
27
—
—
Digital buffer (I/O) supply
—
—
VDD_CP
B8
1
—
—
Analog supply for Charge Pump
—
—
No Connect
NC
C1, C2,
C3, F8,
H1, H8
11, 12,
13, 14,
35, 36,
37, 38,
39, 44,
45, 46,
47, 48, 49
——
—
—
—
1.The analog input functions on these pins are referenced to the VOUT_MIC power domain. The digital input/output functions are referenced to the
VOUT_MIC or MICBIAS1 power domain, as selected by the applicable INn_PDM_SUP field.
2.On the QFN package variant, all of the CS48L32 ground domains are connected to the exposed die pad.
Table 1-1. Pin Descriptions (Cont.)
PU = Pull-up, PD = Pull-down, K = Bus keeper, H = Hysteresis on CMOS input, Z = Hi-Z (High impedance), C = CMOS, OD = Open drain.
Pin Name
Pin #
(WLCSP)
Pin #
(QFN)
Power
Supply
I/O
Pin Description
Digital Pad
Attributes
State at Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com