Electronic Components Datasheet Search
  English  ▼

X  

CS48L32 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 19Page - Cirrus Logic CS48L32 Datasheet HTML 20Page - Cirrus Logic CS48L32 Datasheet HTML 21Page - Cirrus Logic CS48L32 Datasheet HTML 22Page - Cirrus Logic CS48L32 Datasheet HTML 23Page - Cirrus Logic CS48L32 Datasheet HTML 24Page - Cirrus Logic CS48L32 Datasheet HTML 25Page - Cirrus Logic CS48L32 Datasheet HTML 26Page - Cirrus Logic CS48L32 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 192 page
background image
23
Cirrus Logic
DS1219F4
CS48L32
4.2 Input Signal Path
System clocking can be derived from the MCLK1 input pin. Alternatively, a digital audio interface operating in Slave Mode
(ASP or PDM) can be used to provide a clock reference. The CS48L32 also provides an integrated FLL circuit for clock
frequency conversion and stability. The flexible clocking architecture supports low-power always-on operation, with
reference frequencies down to 32 kHz. Seamless switching between clock sources is supported; free-running FLL modes
are also available.
The CS48L32 is configured using control registers, accessed via a slave SPI interface operating at up to 50 MHz. The
simple analog architecture, combined with the integrated tone generator, enables straightforward device configuration and
testing, minimizing debug time and reducing software effort.
The CS48L32 is powered from 1.2 V and 1.8 V external supplies. Integrated charge-pump and LDO-regulator circuits are
used to generate supply rails for internal functions and to support powering or biasing of external microphones. Power
consumption is optimized across a wide variety of voice and multimedia use cases.
4.2 Input Signal Path
The CS48L32 provides flexible input channels, supporting up to four analog inputs or up to four digital inputs. Selectable
combinations of analog (mic or line) and digital inputs are multiplexed into two stereo input signal paths. Input path IN1
supports analog and digital inputs; input path IN2 supports digital inputs only.
The analog input paths support single-ended and differential configurations, programmable gain control, and are digitized
using a high performance sigma-delta ADC. The analog input paths can be configured for low-power operation, ideal for
always-on applications.
The digital input paths interface directly with external digital microphones; a separate microphone interface clock is
supported for two stereo pairs of digital microphones. Digital outputs can be configured on the auxiliary PDM interfaces;
these can be sourced from either the analog input or the digital PDM inputs.
The microphone bias (MICBIAS) generator provides a low-noise reference for biasing electret condenser microphones
(ECMs) or for use as a low-noise supply for MEMS microphones and digital microphones. Switchable outputs from the
MICBIAS generator allows three separate reference/supply outputs to be independently controlled.
Digital volume control is available on all inputs (analog and digital), with programmable ramp control for smooth, glitch-free
operation. A configurable signal-detect function is available on each input signal path. Ultrasonic signal detection and
demodulation functions are provided on the input signal paths, supporting a variety of presence-detection applications.
The input signal paths and control fields are shown in Fig. 4-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com