Electronic Components Datasheet Search
  English  ▼

X  

CS48L32 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 4Page - Cirrus Logic CS48L32 Datasheet HTML 5Page - Cirrus Logic CS48L32 Datasheet HTML 6Page - Cirrus Logic CS48L32 Datasheet HTML 7Page - Cirrus Logic CS48L32 Datasheet HTML 8Page - Cirrus Logic CS48L32 Datasheet HTML 9Page - Cirrus Logic CS48L32 Datasheet HTML 10Page - Cirrus Logic CS48L32 Datasheet HTML 11Page - Cirrus Logic CS48L32 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 192 page
background image
8
Cirrus Logic
DS1219F4
CS48L32
3 Characteristics and Specifications
3 Characteristics and Specifications
Table 3-1 defines parameters as they are characterized in this section.
Table 3-1. Parameter Definitions
Parameter
Definition
Channel separation
Left-to-right and right-to-left channel separation is the difference in level between the active channel (driven to
maximum full scale output) and the measured signal level in the idle channel at the test signal frequency. The active
channel is configured and supplied with an appropriate input signal to drive a full scale output, with signal measured
at the output of the associated idle channel.
Common-mode rejection
ratio (CMRR)
The ratio of a specified input signal (applied to both sides of a differential input), relative to the output signal that
results from it.
Power-supply rejection
ratio (PSRR)
The ratio of a specified power supply variation relative to the output signal that results from it. PSRR is measured
under quiescent signal path conditions.
Signal-to-noise ratio
(SNR)
A measure of the difference in level between the maximum full scale output signal and the output with no input signal
applied.
Total harmonic distortion
(THD)
The ratio of the RMS sum of the harmonic distortion products in the specified bandwidth 1 relative to the RMS
amplitude of the fundamental (i.e., test frequency) output.
1.All performance measurements are specified with a 20 kHz, low-pass brick-wall filter and, where noted, an A-weighted filter. The low-pass filter
removes out-of-band noise.
Total harmonic distortion
plus noise (THD+N)
The ratio of the RMS sum of the harmonic distortion products plus noise in the specified bandwidth 1 relative to the
RMS amplitude of the fundamental (i.e., test frequency) output.
Table 3-2. Absolute Maximum Ratings
Absolute maximum ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at or beyond these limits.
Device functional operating limits and guaranteed performance specifications are given under electrical characteristics at the test conditions specified.
Parameter
Symbol
Minimum
Maximum
Supply voltages
VDD_D [1], VDD_FLL [1]
VDD_A, VDD_CP
VDD_IO
1.The VDD_D and VDD_FLL pins should be tied to a common supply rail. The associated power domain is referred to as VDD_D.
–0.3 V
–0.3 V
–0.3 V
1.52 V
2.27 V
4.32 V
Voltage range digital inputs
VDD_IO domain
INn_PDMDATA
—
—
VGND_SUB – 0.3 V
VGND_SUB – 0.3 V
VVDD_IO + 0.3 V
VVOUT_MIC + 0.3 V
Voltage range analog inputs
IN1xx_n
VGND_SUB – 0.3 V
VVOUT_MIC + 0.3 V
Ground 2
2.On the QFN package variant, all of the CS48L32 ground domains are connected to the exposed die pad.
GND_A, GND_D, GND_CP
VGND_SUB – 0.3 V
VGND_SUB + 0.3V
Operating temperature range
TA
–40ºC
+85ºC
Operating junction temperature
TJ
–40ºC
+125ºC
Storage temperature after soldering
—
–65ºC
+150ºC
ESD-sensitive device. The CS48L32 is manufactured on a CMOS process. It is therefore generically susceptible to damage from
excessive static voltages. Proper ESD precautions must be taken during handling and storage of this device. This device is qualified
to current JEDEC ESD standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com