Electronic Components Datasheet Search
  English  ▼

X  

CS48L32 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 32Page - Cirrus Logic CS48L32 Datasheet HTML 33Page - Cirrus Logic CS48L32 Datasheet HTML 34Page - Cirrus Logic CS48L32 Datasheet HTML 35Page - Cirrus Logic CS48L32 Datasheet HTML 36Page - Cirrus Logic CS48L32 Datasheet HTML 37Page - Cirrus Logic CS48L32 Datasheet HTML 38Page - Cirrus Logic CS48L32 Datasheet HTML 39Page - Cirrus Logic CS48L32 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 192 page
background image
36
Cirrus Logic
DS1219F4
CS48L32
4.2 Input Signal Path
The ultrasonic detection and demodulation control registers are described in Table 4-7.
Table 4-7. Ultrasonic Signal-Detect and Demodulation Control
Register Address
Bit
Label
Default
Description
R47104 (0xB800)
US_CONTROL
9
US2_DET_EN
0
Ultrasonic Detect 2 Enable
0 = Disabled
1 = Enabled
8
US1_DET_EN
0
Ultrasonic Detect 1 Enable
0 = Disabled
1 = Enabled
1
US2_EN
0
Ultrasonic Demodulator 2 Enable
0 = Disabled
1 = Enabled
0
US1_EN
0
Ultrasonic Demodulator 1 Enable
0 = Disabled
1 = Enabled
R47108 (0xB804)
US1_CONTROL
13:12 US1_GAIN[1:0]
10
Ultrasonic Demodulator 1 Gain
00 = Disabled (no signal)
01 = –5 dB
10 = 1 dB
11 = 7 dB
11:8 US1_SRC[3:0]
0x0
Ultrasonic Demodulator 1 Source
0x0 = IN1L
0x1 = IN1R
0x2 = IN2L
0x3 = IN2R
All other codes are reserved
6:4
US1_FREQ[2:0]
011
Ultrasonic Demodulator 1 Frequency
010 = 16–24 kHz
011 = 20–28 kHz
All other codes are reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com