Electronic Components Datasheet Search
  English  ▼

X  

CS48L32 Datasheet(PDF) 56 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 56 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 52Page - Cirrus Logic CS48L32 Datasheet HTML 53Page - Cirrus Logic CS48L32 Datasheet HTML 54Page - Cirrus Logic CS48L32 Datasheet HTML 55Page - Cirrus Logic CS48L32 Datasheet HTML 56Page - Cirrus Logic CS48L32 Datasheet HTML 57Page - Cirrus Logic CS48L32 Datasheet HTML 58Page - Cirrus Logic CS48L32 Datasheet HTML 59Page - Cirrus Logic CS48L32 Datasheet HTML 60Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 192 page
background image
56
Cirrus Logic
DS1219F4
CS48L32
4.3 Digital Core
The DRC2 control registers are described in Table 4-16.
R43784 (0xAB08)
DRC1_CONTROL3
15:12 DRC1_NG_
MINGAIN[3:0]
0000 DRC1 Minimum gain to attenuate audio signals when the Noise Gate is active.
0000 = –36 dB
0001 = –30 dB
0010 = –24 dB
0011 = –18 dB
0100 = –12 dB
0101 = –6 dB
0110 = 0 dB
0111 = 6 dB
1000 = 12 dB
1001 = 18 dB
1010 = 24 dB
1011 = 30 dB
1100 = 36 dB
1101 to 1111 = Reserved
11:10 DRC1_NG_
EXP[1:0]
00
DRC1 Noise-Gate slope
00 = 1 (no expansion)
01 = 2
10 = 4
11 = 8
9:8 DRC1_QR_
THR[1:0]
00
DRC1 Quick-release threshold (crest factor in dB)
00 = 12 dB
01 = 18 dB
10 = 24 dB
11 = 30 dB
7:6 DRC1_QR_
DCY[1:0]
00
DRC1 Quick-release decay rate (seconds/6 dB)
00 = 0.725 ms
01 = 1.45 ms
10 = 5.8 ms
11 = Reserved
5:3 DRC1_HI_
COMP[2:0]
011
DRC1 Compressor slope (upper region)
000 = 1 (no compression)
001 = 1/2
010 = 1/4
011 = 1/8
100 = 1/16
101 = 0
11X = Reserved
2:0 DRC1_LO_
COMP[2:0]
000
DRC1 Compressor slope (lower region)
000 = 1 (no compression)
001 = 1/2
010 = 1/4
011 = 1/8
100 = 0
101 = Reserved
11X = Reserved
R43788 (0xAB0C)
DRC1_CONTROL4
28:24 DRC1_KNEE2_
IP[4:0]
0x00 DRC1 Input signal level at the noise-gate threshold (Knee 2).
0x00 = –36 dB
0x01 = –37.5 dB
0x02 = –39 dB
… (-1.5 dB steps)
0x1E = –81 dB
0x1F = –82.5 dB
Applicable if DRC1_NG_EN = 1
20:16 DRC1_KNEE2_
OP[4:0]
0x00 DRC1 Output signal at the noise-gate threshold (Knee 2).
0x00 = –30 dB
0x01 = –31.5 dB
0x02 = –33 dB
… (–1.5 dB steps)
0x1E = –75 dB
0x1F = –76.5 dB
Applicable only if DRC1_KNEE2_OP_EN = 1
13:8 DRC1_KNEE1_
IP[5:0]
0x00 DRC1 Input signal level at the compressor knee (Knee 1).
0x00 = 0 dB
0x01 = –0.75 dB
0x02 = –1.5 dB
… (–0.75 dB steps)
0x3C = –45 dB
0x3D–0x3F = Reserved
4:0 DRC1_KNEE1_
OP[4:0]
0x00 DRC1 Output signal at the compressor knee (Knee 1).
0x00 = 0 dB
0x01 = –0.75 dB
0x02 = –1.5 dB
… (–0.75 dB steps)
0x1E = –22.5 dB
0x1F = Reserved
Table 4-16. DRC2 Control Registers
Register Address
Bit
Label
Default
Description
R43012 (0xA804)
FX_STATUS
15:4 FX_STS[11:0]
0x00
LHPF, DRC, EQ Enable Status. Indicates the status of each respective
signal-processing function. Each bit is coded as follows:
0 = Disabled
1 = Enabled
[11] = EQ4
[10] = EQ3
[9] = EQ2
[8] = EQ1
[7] = DRC2 (Right)
[6] = DRC2 (Left)
[5] = DRC1 (Right)
[4] = DRC1 (Left)
[3] = LHPF4
[2] = LHPF3
[1] = LHPF2
[0] = LHPF1
Table 4-15. DRC1 Control Registers (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com