| Electronic Components Datasheet Search |
|
CS48L32 Datasheet(PDF) 59 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS48L32 Datasheet(HTML) 59 Page - Cirrus Logic |
|
59 / 192 page ![]() DS1219F4 Cirrus Logic 59 CS48L32 4.3 Digital Core Figure 4-21. Digital-Core LPF/HPF Blocks The LHPF1–LHPF4 mixer control fields (see Fig. 4-21), are located at addresses 0x8C80 through 0x8CBC. The full list of digital mixer control registers (0x8080–0x907C) is provided in Section 6. Generic register field definitions are provided in Table 4-10. The x_SRCn fields select the input sources for the respective LHPF processing blocks. Note that the selected input sources must be configured for the same sample rate as the LHPF to which they are connected. Sample-rate conversion functions are available to support flexible interconnectivity; see Section 4.3.12. The hexadecimal numbers in Fig. 4-21 indicate the corresponding x_SRCn setting for selection of that signal as an input to another digital-core function. The sample rate for the LHPF function is configured using FX_RATE; see Table 4-21. Note that the EQ, DRC, and LHPF functions must all be configured for the same sample rate. Sample-rate conversion is required when routing the LHPF signal paths to any signal chain that is configured for a different sample rate. The FX_RATE field must not be changed if any of the associated x_SRCn fields is nonzero. The associated x_SRCn fields must be cleared before writing a new value to FX_RATE. A minimum delay of 125 s must be allowed between clearing the x_SRCn fields and writing to FX_RATE. See Table 4-21 for details. The control registers associated with the LHPF functions are described in Table 4-17. The cut-off frequencies for the LHPF blocks are set by using the coefficients held in registers 0xAA38, 0xAA3C, 0xAA40, and 0xAA44 for LHPF1, LHPF2, LHPF3 and LHPF4 respectively. These coefficients are derived using tools provided in Cirrus Logic’s WISCE evaluation board control software; please contact your Cirrus Logic representative for details. Table 4-17. Low-Pass Filter/High-Pass Filter Register Address Bit Label Default Description R43012 (0xA804) FX_STATUS 11:0 FX_STS[11:0] 0x00 LHPF, DRC, EQ Enable Status. Indicates the status of the respective signal-processing functions. Each bit is coded as follows: 0 = Disabled 1 = Enabled [11] = EQ4 [10] = EQ3 [9] = EQ2 [8] = EQ1 [7] = DRC2 (Right) [6] = DRC2 (Left) [5] = DRC1 (Right) [4] = DRC1 (Left) [3] = LHPF4 [2] = LHPF3 [1] = LHPF2 [0] = LHPF1 LHPFn_SRC1 LHPFn_SRC3 LHPFn_SRC4 LHPFn_SRC2 LHPF1 (0x0C8) LHPF2 (0x0C9) LHPF3 (0x0CA) LHPF4 (0x0CB) Low-Pass filter (LPF) / High-Pass filter (HPF) LHPFnMIX_VOL2 LHPFnMIX_VOL3 LHPFnMIX_VOL4 LHPFnMIX_VOL1 + LHPF … … … … CS48L32 supports four LHPF blocks, i.e., n = 1–4 x_SRCn p. 45 x_VOLn p. 45 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |