Electronic Components Datasheet Search
  English  ▼

X  

CS48L32 Datasheet(PDF) 85 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 85 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 81Page - Cirrus Logic CS48L32 Datasheet HTML 82Page - Cirrus Logic CS48L32 Datasheet HTML 83Page - Cirrus Logic CS48L32 Datasheet HTML 84Page - Cirrus Logic CS48L32 Datasheet HTML 85Page - Cirrus Logic CS48L32 Datasheet HTML 86Page - Cirrus Logic CS48L32 Datasheet HTML 87Page - Cirrus Logic CS48L32 Datasheet HTML 88Page - Cirrus Logic CS48L32 Datasheet HTML 89Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 192 page
background image
DS1219F4
Cirrus Logic
85
CS48L32
4.5 DSP Peripheral Control
4.5.1.8
Event Logger Input Sources
A list of the valid input sources for the event logger is provided in Table 4-30.
R1114436 (0x110144)
EVENTLOG1_FIFO8_TIME
31:0 EVENTLOG1_FIFO8_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 8 Time
R1114440 (0x110148)
EVENTLOG1_FIFO9_READ
12
EVENTLOG1_FIFO9_POL
0
Event Log FIFO Index 9 polarity
0 = Rising edge, 1 = Falling edge
9:0 EVENTLOG1_FIFO9_ID[9:0]
0x000 Event Log FIFO Index 9 source 1
R1114444 (0x11014C)
EVENTLOG1_FIFO9_TIME
31:0 EVENTLOG1_FIFO9_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 9 Time
R1114448 (0x110150)
EVENTLOG1_FIFO10_READ
12
EVENTLOG1_FIFO10_POL
0
Event Log FIFO Index 10 polarity
0 = Rising edge, 1 = Falling edge
9:0 EVENTLOG1_FIFO10_ID[9:0] 0x000 Event Log FIFO Index 10 source 1
R1114452 (0x110154)
EVENTLOG1_FIFO10_TIME
31:0 EVENTLOG1_FIFO10_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 10 Time
R1114456 (0x110158)
EVENTLOG1_FIFO11_READ
12
EVENTLOG1_FIFO11_POL
0
Event Log FIFO Index 11 polarity
0 = Rising edge, 1 = Falling edge
9:0 EVENTLOG1_FIFO11_ID[9:0] 0x000 Event Log FIFO Index 11 source 1
R1114460 (0x11015C)
EVENTLOG1_FIFO11_TIME
31:0 EVENTLOG1_FIFO11_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 11 Time
R1114464 (0x110160)
EVENTLOG1_FIFO12_READ
12
EVENTLOG1_FIFO12_POL
0
Event Log FIFO Index 12 polarity
0 = Rising edge, 1 = Falling edge
9:0 EVENTLOG1_FIFO12_ID[9:0] 0x000 Event Log FIFO Index 12 source 1
R1114468 (0x110164)
EVENTLOG1_FIFO12_TIME
31:0 EVENTLOG1_FIFO12_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 12 Time
R1114472 (0x110168)
EVENTLOG1_FIFO13_READ
12
EVENTLOG1_FIFO13_POL
0
Event Log FIFO Index 13 polarity
0 = Rising edge, 1 = Falling edge
9:0 EVENTLOG1_FIFO13_ID[9:0] 0x000 Event Log FIFO Index 13 source 1
R1114476 (0x11016C)
EVENTLOG1_FIFO13_TIME
31:0 EVENTLOG1_FIFO13_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 13 Time
R1114480 (0x110170)
EVENTLOG1_FIFO14_READ
12
EVENTLOG1_FIFO14_POL
0
Event Log FIFO Index 14 polarity
0 = Rising edge, 1 = Falling edge
9:0 EVENTLOG1_FIFO14_ID[9:0] 0x000 Event Log FIFO Index 14 source 1
R1114484 (0x110174)
EVENTLOG1_FIFO14_TIME
31:0 EVENTLOG1_FIFO14_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 14 Time
R1114488 (0x110178)
EVENTLOG1_FIFO15_READ
12
EVENTLOG1_FIFO15_POL
0
Event Log FIFO Index 15 polarity
0 = Rising edge, 1 = Falling edge
9:0 EVENTLOG1_FIFO15_ID[9:0] 0x000 Event Log FIFO Index 15 source 1
R1114492 (0x11017C)
EVENTLOG1_FIFO15_TIME
31:0 EVENTLOG1_FIFO15_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 15 Time
1.See Table 4-30 for valid channel source selections
Table 4-30. Event Logger Input Sources
ID
Description
ID
Description
ID
Description
0x007 Boot done
0x230 Alarm 1 Channel 1
0x2FD DSP1 FIR Filter 1 done
0x018 FLL1 lock
0x231 Alarm 1 Channel 2
0x2FE DSP1 FIR Filter 2 done
0x08C Input signal path signal detect
0x232 Alarm 1 Channel 3
0x2FF DSP1 FIR Filter 3 done
0x090 Ultrasonic 1 signal detect
0x233 Alarm 1 Channel 4
0x300 DSP1 FIR Filter 4 done
0x092 Ultrasonic 2 signal detect
0x250 Timer 1
0x301 DSP1 FIR Filter 5 done
0x108 GPIO1
0x251 Timer 2
0x302 DSP1 FIR Filter 6 done
0x10A GPIO2
0x2E9 DSP1 non-maskable interrupt
0x303 DSP1 FIR Filter 7 done
0x10C GPIO3
0x2EA DSP1 AHB slave error
0x355 DSP1 LMS coefficient overflow
0x10E GPIO4
0x2EB DSP1 AHB master error
0x356 DSP1 LMS done
0x110 GPIO5
0x2EC DSP1 IHB master error
0x357 DSP1 LMS 0 done
0x112 GPIO6
0x2ED DSP1 profiler Out 0 done
0x358 DSP1 LMS 1 done
Table 4-29. Event Logger (EVENTLOG1) Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com