Electronic Components Datasheet Search
  English  ▼

X  

CS48L32 Datasheet(PDF) 84 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 84 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 80Page - Cirrus Logic CS48L32 Datasheet HTML 81Page - Cirrus Logic CS48L32 Datasheet HTML 82Page - Cirrus Logic CS48L32 Datasheet HTML 83Page - Cirrus Logic CS48L32 Datasheet HTML 84Page - Cirrus Logic CS48L32 Datasheet HTML 85Page - Cirrus Logic CS48L32 Datasheet HTML 86Page - Cirrus Logic CS48L32 Datasheet HTML 87Page - Cirrus Logic CS48L32 Datasheet HTML 88Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 192 page
background image
84
Cirrus Logic
DS1219F4
CS48L32
4.5 DSP Peripheral Control
R1114240 (0x110080)
EVENTLOG1_CH1_DEFINE
to
R1114300 (0x1100BC)
EVENTLOG1_CH16_DEFINE
15
EVENTLOG1_CHn_DB
0
Event Log Channel n debounce
0 = Disabled, 1 = Enabled
Note that channel must be disabled when updating this field.
14
EVENTLOG1_CHn_POL
0
Event Log Channel n polarity
0 = Rising edge triggered, 1 = Falling edge triggered
Note that channel must be disabled when updating this field.
13
EVENTLOG1_CHn_FILT
0
Event Log Channel n filter
0 = Disabled, 1 = Enabled
If the filter is enabled, the channel is ignored if the FIFO
contains unread events of the same source/polarity.
Note that channel must be disabled when updating this field.
9:0 EVENTLOG1_CHn_SRC[9:0]
0x000 Event Log Channel n source 1
Note that channel must be disabled when updating this field.
R1114368 (0x110100)
EVENTLOG1_FIFO0_READ
12
EVENTLOG1_FIFO0_POL
0
Event Log FIFO Index 0 polarity
0 = Rising edge, 1 = Falling edge
9:0 EVENTLOG1_FIFO0_ID[9:0]
0x000 Event Log FIFO Index 0 source 1
R1114372 (0x110104)
EVENTLOG1_FIFO0_TIME
31:0 EVENTLOG1_FIFO0_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 0 Time
R1114376 (0x110108)
EVENTLOG1_FIFO1_READ
12
EVENTLOG1_FIFO1_POL
0
Event Log FIFO Index 1 polarity
0 = Rising edge, 1 = Falling edge
9:0 EVENTLOG1_FIFO1_ID[9:0]
0x000 Event Log FIFO Index 1 source 1
R1114380 (0x11010C)
EVENTLOG1_FIFO1_TIME
31:0 EVENTLOG1_FIFO1_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 1 Time
R1114384 (0x110110)
EVENTLOG1_FIFO2_READ
12
EVENTLOG1_FIFO2_POL
0
Event Log FIFO Index 2 polarity
0 = Rising edge, 1 = Falling edge
9:0 EVENTLOG1_FIFO2_ID[9:0]
0x000 Event Log FIFO Index 2 source 1
R1114388 (0x110114)
EVENTLOG1_FIFO2_TIME
31:0 EVENTLOG1_FIFO2_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 2 Time
R1114392 (0x110118)
EVENTLOG1_FIFO3_READ
12
EVENTLOG1_FIFO3_POL
0
Event Log FIFO Index 3 polarity
0 = Rising edge, 1 = Falling edge
9:0 EVENTLOG1_FIFO3_ID[9:0]
0x000 Event Log FIFO Index 3 source 1
R1114396 (0x11011C)
EVENTLOG1_FIFO3_TIME
31:0 EVENTLOG1_FIFO3_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 3 Time
R1114400 (0x110120)
EVENTLOG1_FIFO4_READ
12
EVENTLOG1_FIFO4_POL
0
Event Log FIFO Index 4 polarity
0 = Rising edge, 1 = Falling edge
9:0 EVENTLOG1_FIFO4_ID[9:0]
0x000 Event Log FIFO Index 4 source 1
R1114404 (0x110124)
EVENTLOG1_FIFO4_TIME
31:0 EVENTLOG1_FIFO4_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 4 Time
R1114408 (0x110128)
EVENTLOG1_FIFO5_READ
12
EVENTLOG1_FIFO5_POL
0
Event Log FIFO Index 5 polarity
Field description is as above.
9:0 EVENTLOG1_FIFO5_ID[9:0]
0x000 Event Log FIFO Index 5 source 1
R1114412 (0x11012C)
EVENTLOG1_FIFO5_TIME
31:0 EVENTLOG1_FIFO5_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 5 Time
R1114416 (0x110130)
EVENTLOG1_FIFO6_READ
12
EVENTLOG1_FIFO6_POL
0
Event Log FIFO Index 6 polarity
0 = Rising edge, 1 = Falling edge
9:0 EVENTLOG1_FIFO6_ID[9:0]
0x000 Event Log FIFO Index 6 source 1
R1114420 (0x110134)
EVENTLOG1_FIFO6_TIME
31:0 EVENTLOG1_FIFO6_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 6 Time
R1114424 (0x110138)
EVENTLOG1_FIFO7_READ
12
EVENTLOG1_FIFO7_POL
0
Event Log FIFO Index 7 polarity
0 = Rising edge, 1 = Falling edge
9:0 EVENTLOG1_FIFO7_ID[9:0]
0x000 Event Log FIFO Index 7 source 1
R1114428 (0x11013C)
EVENTLOG1_FIFO7_TIME
31:0 EVENTLOG1_FIFO7_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 7 Time
R1114432 (0x110140)
EVENTLOG1_FIFO8_READ
12
EVENTLOG1_FIFO8_POL
0
Event Log FIFO Index 8 polarity
0 = Rising edge, 1 = Falling edge
9:0 EVENTLOG1_FIFO8_ID[9:0]
0x000 Event Log FIFO Index 8 source 1
Table 4-29. Event Logger (EVENTLOG1) Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com