Electronic Components Datasheet Search
  English  ▼

X  

CS48L32 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 27Page - Cirrus Logic CS48L32 Datasheet HTML 28Page - Cirrus Logic CS48L32 Datasheet HTML 29Page - Cirrus Logic CS48L32 Datasheet HTML 30Page - Cirrus Logic CS48L32 Datasheet HTML 31Page - Cirrus Logic CS48L32 Datasheet HTML 32Page - Cirrus Logic CS48L32 Datasheet HTML 33Page - Cirrus Logic CS48L32 Datasheet HTML 34Page - Cirrus Logic CS48L32 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 192 page
background image
DS1219F4
Cirrus Logic
31
CS48L32
4.2 Input Signal Path
4.2.7
Input Signal Path Digital Volume Control
A digital volume control is provided on each input signal path, providing –64 dB to +31.5 dB gain control in 0.5 dB steps.
An independent mute control is also provided for each input signal path.
Updates to the digital-volume and mute functions are gated by the IN_VU bit: writing to the volume- or mute-control fields
does not become effective until a 1 is written to IN_VU. This makes it possible to apply changes to multiple signal paths
simultaneously.
Whenever the gain or mute setting is changed, the signal path gain is ramped up or down to the new settings at a
programmable rate. For increasing gain (or unmute), the rate is controlled by IN_VI_RAMP. For decreasing gain (or mute),
the rate is controlled by IN_VD_RAMP.
Note: The IN_VI_RAMP and IN_VD_RAMP fields should not be changed while a volume ramp is in progress.
Note that, although the digital-volume controls provide 0.5 dB steps, the internal circuits provide signal gain adjustment in
0.125 dB steps. This allows a very high degree of gain control and smooth volume ramping under all operating conditions.
R16424 (0x4028)
IN1L_CONTROL2
7:1 IN1L_PGA_
VOL[6:0]
0x40 Input Path 1 (Left) PGA Volume (applicable to analog input only)
0x00 to 0x3F = Reserved
0x40 = 0 dB
0x41 = 1 dB
0x42 = 2 dB
… (1 dB steps)
0x5F = 31 dB
0x60 to 0x7F = Reserved
Note: In Mid-Power Mode, a minimum gain of 6 dB is used. Volume selections of 5 dB
or less are overridden to 6 dB.
R16452 (0x4044)
IN1R_CONTROL1
29:28 IN1R_SRC[1:0]
00
Input Path 1 (Right) Source
00 = Differential (IN1RP_1–IN1RN_1)
01 = Single-ended (IN1RP_1)
10 = Differential (IN1RP_2–IN1RN_2)
11 = Single-ended (IN1RP_2)
2
IN1R_HPF
0
Input Path 1 (Right) HPF Enable
0 = Disabled
1 = Enabled
0
IN1R_LP_
MODE
0
Input Path 1 (Right) Low-Power Mode (applicable to analog input only)
0 = High Performance Mode
1 = Low Power Mode
R16456 (0x4048)
IN1R_CONTROL2
7:1 IN1R_PGA_
VOL[6:0]
0x40 Input Path 1 (Right) PGA Volume (applicable to analog input only)
0x00 to 0x3F = Reserved
0x40 = 0 dB
0x41 = 1 dB
0x42 = 2 dB
… (1 dB steps)
0x5F = 31 dB
0x60 to 0x7F = Reserved
Note: In Mid-Power Mode, a minimum gain of 6 dB is used. Volume selections of 5 dB
or less are overridden to 6 dB.
R16480 (0x4060)
INPUT2_
CONTROL1
18:16 IN2_OSR[2:0]
101
Input Path 2 Oversample Rate Control - selects the IN2_PDMCLK frequency.
000 = 384 kHz
001 = 768 kHz
010 = 1.536 MHz
011 = 2.048 MHz
100 = 2.4576 MHz
101 = 3.072 MHz
110 = 6.144 MHz
111 = Reserved
9:8 IN2_PDM_
SUP[1:0]
00
Input Path 2 PDM Reference Select
Sets the IN2_PDMDATA and IN2_PDMCLK logic levels
00 = VOUT_MIC
01 = MICBIAS1
All other codes are reserved
R16484 (0x4064)
IN2L_CONTROL1
2
IN2L_HPF
0
Input Path 2 (Left) HPF Enable
0 = Disabled
1 = Enabled
R16516 (0x4084)
IN2R_CONTROL1
2
IN2R_HPF
0
Input Path 2 (Right) HPF Enable
0 = Disabled
1 = Enabled
R16964 (0x4244)
INPUT_HPF_
CONTROL
2:0 IN_HPF_
CUT[2:0]
010
Input Path IN1–IN2 HPF select
Controls the cut-off frequency of the input path HPF circuits.
000 = 2.5 Hz
001 = 5 Hz
010 = 10 Hz
011 = 20 Hz
100 = 40 Hz
All other codes are reserved
Table 4-3. Input Signal Path Configuration (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com