Electronic Components Datasheet Search
  English  ▼

X  

CS48L32 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 6Page - Cirrus Logic CS48L32 Datasheet HTML 7Page - Cirrus Logic CS48L32 Datasheet HTML 8Page - Cirrus Logic CS48L32 Datasheet HTML 9Page - Cirrus Logic CS48L32 Datasheet HTML 10Page - Cirrus Logic CS48L32 Datasheet HTML 11Page - Cirrus Logic CS48L32 Datasheet HTML 12Page - Cirrus Logic CS48L32 Datasheet HTML 13Page - Cirrus Logic CS48L32 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 192 page
background image
10
Cirrus Logic
DS1219F4
CS48L32
3 Characteristics and Specifications
Table 3-8. Input Path Characteristics
Test conditions (unless specified otherwise): VDD_IO = VDD_CP = VDD_A = 1.8 V, VDD_D = VDD_FLL = 1.2 V, VOUT_MIC = 3.1 V (powered from
internal LDO); TA = +25ºC; 1 kHz sinusoid signal; Fs = 48 kHz; PGA gain = 0 dB, 24-bit audio data.
Parameter
Min Typ Max Units
Analog input paths (IN1xx) to
ADC (Differential Input Mode)
SNR (A-weighted), defined in Table 3-1
20 Hz to 20 kHz, 48 kHz sample rate
20 Hz to 8 kHz, 16 kHz sample rate
91
—
99
104
—
—
dB
dB
THD, defined in Table 3-1
–1 dBV input —
–89
—
dB
THD+N, defined in Table 3-1
–1 dBV input —
–88 –79
dB
Channel separation (L/R), defined in Table 3-1
—
109
—
dB
Input-referred noise floor
A-weighted, PGA gain = +20 dB —
2.6
—
VRMS
CMRR, defined in Table 3-1
PGA gain = +30 dB
PGA gain = 0 dB
—
—
83
72
—
—
dB
dB
PSRR (VDD_IO, VDD_CP, VDD_A), defined in
Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
91
81
—
—
dB
dB
PSRR (VDD_D, VDD_FLL),
defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
98
92
—
—
dB
dB
Analog input paths (IN1xx) to
ADC (Single-Ended Input
Mode)
SNR (A-weighted), defined in Table 3-1
20 Hz to 20 kHz, 48 kHz sample rate
20 Hz to 8 kHz, 16 kHz sample rate
87
—
98
103
—
—
dB
dB
THD, defined in Table 3-1
–7dB V input —
–84
—
dB
THD+N, defined in Table 3-1
–7dB V input —
–83 –78
dB
Channel separation (L/R), defined in Table 3-1
—
107
—
dB
Input-referred noise floor
A-weighted, PGA gain = +20 dB —
4
—
VRMS
PSRR (VDD_IO, VDD_CP, VDD_A), defined in
Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
77
52
—
—
dB
dB
PSRR (VDD_D, VDD_FLL),
defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
96
80
—
—
dB
dB
Analog input paths (IN1xx) to
ADC (Differential Input,
Mid-Power Mode)
SNR, defined in Table 3-1
A-weighted 77
86
—
dB
THD, defined in Table 3-1
–7 dBV input —
–81
—
dB
THD+N, defined in Table 3-1
–7 dBV input —
–80 –74
dB
Channel separation (L/R), defined in Table 3-1
—98—
dB
Input-referred noise floor
A-weighted, PGA gain = +20 dB —
5.4
—
VRMS
CMRR, defined in Table 3-1
PGA gain = +30 dB
PGA gain = 0 dB
—
—
83
68
—
—
dB
dB
PSRR (VDD_IO, VDD_CP, VDD_A),
defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
87
70
—
—
dB
dB
PSRR (VDD_D, VDD_FLL),
defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
96
73
—
—
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com