Electronic Components Datasheet Search
  English  ▼

X  

CS48L32 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS48L32
Description  Low-Power Audio DSP with Microphone Interface
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48L32 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS48L32 Datasheet HTML 5Page - Cirrus Logic CS48L32 Datasheet HTML 6Page - Cirrus Logic CS48L32 Datasheet HTML 7Page - Cirrus Logic CS48L32 Datasheet HTML 8Page - Cirrus Logic CS48L32 Datasheet HTML 9Page - Cirrus Logic CS48L32 Datasheet HTML 10Page - Cirrus Logic CS48L32 Datasheet HTML 11Page - Cirrus Logic CS48L32 Datasheet HTML 12Page - Cirrus Logic CS48L32 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 192 page
background image
9
Cirrus Logic
DS1219F4
CS48L32
3 Characteristics and Specifications
Table 3-3. Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum Units
Digital supply range 1
Digital supply range
1.The VDD_D and VDD_FLL pins should be tied to a common supply rail. The associated power domain is referred to as VDD_D.
Core and FLL
I/O
VDD_D, VDD_FLL
VDD_IO
1.14
1.71
1.2
1.8
1.26
3.6
V
V
Charge pump supply range
VDD_CP
1.71
1.8
1.89
V
Analog supply range
VDD_A
1.71
1.8
1.89
V
Ground 2,3
2.The impedance between GND_D, GND_A, GND_CP, and GND_SUB must not exceed 0.1
.
3.On the QFN package variant, all of the CS48L32 ground domains are connected to the exposed die pad.
GND_D, GND_A, GND_CP, GND_SUB
—
0
—
V
Power supply rise time 4,5
4.If the VDD_D rise time exceeds 2 ms, RESET must be asserted during the rise and held asserted until after VDD_D is within the recommended
operating limits.
5.The specified minimum power supply rise times assume a minimum decoupling capacitance of 100 nF per pin. However, Cirrus Logic strongly
advises that the recommended decoupling capacitors are present on the PCB and that appropriate layout guidelines are observed. The specified
minimum power supply rise times also assume a maximum PCB inductance of 10 nH between decoupling capacitor and pin.
VDD_D
All other supplies
10
10
—
—
2000
—
s
s
Operating temperature range
TA
–40
—
85
ºC
Note: There are no power sequencing requirements; the supplies may be enabled and disabled in any order.
Table 3-4. Analog Input Signal Level—IN1xx
Test conditions (unless specified otherwise): VDD_A = 1.8V; with the exception of the condition noted, the following electrical characteristics are valid
across the full range of recommended operating conditions.
Parameter
Minimum
Typical
Maximum
Units
Full-scale input signal level (0 dBFS output)
Single-ended PGA input, 0 dB PGA gain
—
—
0.5
–6
—
—
VRMS
dBV
Differential PGA input, 0 dB PGA gain
—
—
1
0
—
—
VRMS
dBV
Notes:
• The full-scale input signal level is also the maximum analog input level, before clipping occurs.
• The maximum input signal level is reduced by 6 dB if mid-power configuration is selected.
• The full-scale input signal level changes in proportion with VDD_A. For differential input, it is calculated as VDD_A / 1.8.
• A 1.0VRMS differential signal equates to 0.5VRMS/–6dBV per input.
• A sinusoidal input signal is assumed.
Table 3-5. Analog Input Pin Characteristics
Test conditions (unless specified otherwise): TA = +25ºC; with the exception of the condition noted, the following electrical characteristics are valid across
the full range of recommended operating conditions.
Parameter
Minimum
Typical
Maximum
Units
Input resistance
Single-ended PGA input, All PGA gain settings
Differential PGA input, All PGA gain settings
9
18
10.5
21
—
—
k
k
Input capacitance
——
5
pF
Table 3-6. Analog Input Gain—Programmable Gain Amplifiers (PGAs)
The following electrical characteristics are valid across the full range of recommended operating conditions.
Parameter
Minimum
Typical
Maximum
Units
Minimum programmable gain
—
0
—
dB
Maximum programmable gain
—
31
—
dB
Programmable gain step size
Guaranteed monotonic
—
1
—
dB
Table 3-7. Digital Input Signal Level—INn_PDMDATA
The following electrical characteristics are valid across the full range of recommended operating conditions.
Parameter
Minimum
Typical
Maximum
Units
Full-scale input level 1
1.
The digital input signal level is measured in dBFS, where 0 dBFS is a signal level equal to the full-scale range (FSR) of the PDM input. The
FSR is defined as the amplitude of a 1 kHz sine wave whose positive and negative peaks are represented by the maximum and minimum
digital codes respectively—this is the largest 1 kHz sine wave that can fit in the digital output range without clipping.
0 dBFS digital core input, 0 dB gain
—
–6
—
dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com