Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC7813
Description  70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 4 Page - Analog Devices

  LTC7813 Datasheet HTML 1Page - Analog Devices LTC7813 Datasheet HTML 2Page - Analog Devices LTC7813 Datasheet HTML 3Page - Analog Devices LTC7813 Datasheet HTML 4Page - Analog Devices LTC7813 Datasheet HTML 5Page - Analog Devices LTC7813 Datasheet HTML 6Page - Analog Devices LTC7813 Datasheet HTML 7Page - Analog Devices LTC7813 Datasheet HTML 8Page - Analog Devices LTC7813 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC7878
4
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. , VIN = 12V, RUN > 1.25V unless otherwise noted. (Note 2)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC7878 is tested under pulsed load conditions such that TJ
≈ TA. The LTC7878A is guaranteed to meet specifications from –40°C to
125°C junction temperature. High junction temperatures degrade operating
lifetimes; operating lifetime is derated for junction temperatures greater
than 125°C. Note that the maximum ambient temperature consistent
with these specifications is determined by specific operating conditions
in conjunction with board layout, the rated package thermal impedance
and other environmental factors. The junction temperature (TJ, in °C) is
calculated from the ambient temperature (TA, in °C) and power dissipation
(PD, in Watts) according to the formula: TJ = TA + (PD • JA), where θJA (in
°C/W) is the package thermal impedance.
Note 3: When VIN > EXTVCC and EXTVCC > 8V, VBIAS supply current is
transferred to EXTVCC pin to reduce the total input supply quiescent
current.
Note 4: The LTC7878 is tested in a feedback loop that servos VITH to
a specified voltage and measures the resultant VFB. The specifications
at –40°C and 125°C are not tested in production and are assured by
design, characterization and correlation to production testing at other
temperatures.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information section.
Note 6: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured using 50% levels.
Note 7: The minimum on-time condition is specified for an inductor
peak-to-peak ripple current > 40% of IL(MAX) (See Minimum On-Time
Considerations in the Applications Information section).
Note 8: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. The maximum
rated junction temperature will be exceeded when this protection is active.
Continuous operation above the specified absolute maximum operating
junction temperature may impair device reliability or permanently damage
the device.
Note 9: Do not apply a voltage or current source to these pins. They must be
connected to capacitive loads only, otherwise permanent damage may occur.
Note 10: Guaranteed by design.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DRVCC and INTVCC Linear Regulators
VDRVCC
DRVCC Regulation Voltage
VIN = 12V, EXTVCC = 0V
VIN = 5V, EXTVCC = 12V
6.8
6.8
7
7
7.2
7.2
V
V
VDRVCC_LREG
DRVCC Voltage Load Regulation
IDRVCC = 0mA to 55mA, VIN = 12V
1
2
%
VINTVCC
INTVCC Regulation Voltage
4.8
5
5.2
V
Oscillator and Phase Locked Loop
IFREQ
FREQ Pin Output Current
9
10
11
µA
fSW(MIN)
Low Fixed Switching Frequency
VFREQ = 0V
50
kHz
fSW(MAX)
High Fixed Switching Frequency
VFREQ = 5V
800
kHz
fSW_SYNC
Synchronizable Frequency
SYNC = External Clock
100
600
kHz
VTH_SYNC
SYNC Pin Input Threshold
SYNC Pin Rising
1.2
2
V
SYNC Pin Falling
0.5
0.9
V
RSYNC
SYNC Pin Input Resistance to Ground
500
kΩ
Clock Output High Voltage
4.8
5
V
Clock Output Low Voltage
0
0.2
V
Power Good
VPGOOD
PGOOD Trip Level, VFB Respect to Set
Regulated Voltage
VFB Ramping Negative
–10
%
VFB Ramping Positive
10
%
RPGOOD
PGOOD Open Drain On-Resistance
55
Ω
IPGOOD
PGOOD Leakage Current
VPGOOD = 6V
±1
µA
Gate Drivers
RTG1, RTG2
Top Driver Pull-Up On-Resistance
BOOST – SW = 7V
3
Ω
Top Driver Pull-Down On-Resistance
BOOST – SW = 7V
1.5
Ω
RBG1, RBG2
Bottom Driver Pull-Up On-Resistance
DRVCC = 7V
3.5
Ω
Bottom Driver Pull-Down On-Resistance
DRVCC = 7V
3
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com