Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC7813
Description  70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 20Page - Analog Devices LTC7813 Datasheet HTML 21Page - Analog Devices LTC7813 Datasheet HTML 22Page - Analog Devices LTC7813 Datasheet HTML 23Page - Analog Devices LTC7813 Datasheet HTML 24Page - Analog Devices LTC7813 Datasheet HTML 25Page - Analog Devices LTC7813 Datasheet HTML 26Page - Analog Devices LTC7813 Datasheet HTML 27Page - Analog Devices LTC7813 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTC7878
24
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 8. High Efficiency 8V to 42V Input, 12VOUT/9A Output Buck-Boost Converter
BOOST1
BOOST2
BOOST1
BOOST2
M4
M3
M2
M1
R1
110k
7.32k
47nF
10k
CBST2
1µF
R2
10k
CINTVCC
4.7µF
L
4.2µH, 3m
10nF
100k
CDRVCC
4.7µF
COUT2
56µF
×4
100pF
100k
20k
47nF
20k
1
4.7µF
1
4.7µF
DBST1
DBST2
TG2
BG2
BG1
TG1
BOOST1
BOOST2
SW1
SW2
ISNSP
ISNSN
ISNSD
CSP
CSN
VFB
RUN
DRVCC
EXTVCC
SS
VOUT
MODE/ILIM
SGND
PGND
ITH
FREQ
PHASMD
VIN
LTC7878
INTVCC
ITHB
L: WURTH 7443630420
M1, M2: INFINEON BSC034N06NS3G
M3, M4: INFINEON BSC014NE2LSI
SETCUR
PGOOD
SYNC
CLKOUT
VOUT
12V
9A
7878 F08
PINS NOT USED IN THIS CIRCUIT:
SYNC, CLKOUT, SETCUR, PGOOD
COUT1
22µF
×8
CBST1
1µF
CIN
22µF
×4
VIN
8V TO 42V
CSS
0.022µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com