Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC7813
Description  70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 18Page - Analog Devices LTC7813 Datasheet HTML 19Page - Analog Devices LTC7813 Datasheet HTML 20Page - Analog Devices LTC7813 Datasheet HTML 21Page - Analog Devices LTC7813 Datasheet HTML 22Page - Analog Devices LTC7813 Datasheet HTML 23Page - Analog Devices LTC7813 Datasheet HTML 24Page - Analog Devices LTC7813 Datasheet HTML 25Page - Analog Devices LTC7813 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTC7878
22
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
affect the output voltage regulation as long as the other
input sources can supply enough load current. The peak
inductor currents are still shared among all the buck-
boost converters by tying all the ITH pins together. In the
redundancy design, it is suggested that each LTC7878
has its own compensation network and feedback resistor
locally closed to the pin and then short the VFB pins and
ITH pins all together with PCB traces.
DESIGN EXAMPLE
As a design example for a buck-boost converter, assume
VIN(NOMINAL) = 8V ~ 42V, VOUT = 12V, IOUT = 9A, and
fSW = 250kHz. Maximum ambient temperature = 60°C.
1. Set the frequency at 250kHz by applying 1V on the
FREQ pin (See Figure 2), 10μA current flowing out of
the FREQ pin will give 1.0V across a 100k resistor to
GND.
RFREQ (in kΩ) =
1.0V
10µA
= 100kΩ
2. Determine the inductor value. The nominal input volt-
age is 24V and set inductor ripple current to 60% of DC
current (5.4A) at the nominal input voltage. This leads
to an inductor value:
L
= VIN − VOUT
(
)• DTS
iL
= 24V − 12V
(
) •
0.5 •
4µs
5.4A
= 4.4µH
The peak inductor current at 24VIN is 11.7A.
To achieve high efficiency, low DCR inductors are
preferred. We choose Wurth 7443630420 inductor
(4.2μH/3.04mΩ) with 24A rated current. With 2 RC
filters and usage of ISNSD pin, we can set the peak
sensed inductor current limit to 50mV. Then the peak
inductor current is 50mV/3.04mΩ = 16.45A which is
less than the saturation current of the selected inductor.
Next the inductor current at minimum and maximum
input voltage should be examined. At VIN = 8V and
VOUT = 12V, the converter is working as a boost con-
verter. The peak inductor current with 9A load current
is 14.7A. At VIN = 42V and VOUT = 12V, the converter
is working as a buck converter. The peak inductor cur-
rent with 9A load is 13.1A. Both are less than the peak
current limit of 16.45A.
The DCR current sensing filter network should be
designed based on the Figure 8. if C1 = C2 = 47nF,
then R1 = L/(4 • DCR)/C1 = 7.35kΩ, R2 = R1 • 3 • 0.9
= 19.845kΩ. In real design, choose R1 = 7.32kΩ and
R2 = 20kΩ. The worst case minimum sensed ripple
signal for the internal current comparator happened at
boost mode with 16.67% duty cycle. In this case, the
inductor ripple current peak to peak value is 1.6A and
sensed voltage is ∆VSENSE = 4 • DCR • ∆IL(MIN) = 19mV.
The sensed voltage is higher than 15mV so the signal
to noise ratio is high enough and the jitter is minimized.
3. Set the output voltage. Select feedback resistors R1
and R2. If R1 is 10k, R2 is:
R2
=
VOUT •R1
1.0
– R1
Select R2 as 110k. Both R1 and R2 should have a tol-
erance of no more than 1%.
4. Select MOSFET based on the maximum input and
output voltages. Switches A and B connected to SW1
operates under the max 42V input voltage, so the 60V
rated MOSFETs are selected. Switches C and D con-
nected to SW2 operates under the 12V output voltage,
so the 25V rated MOSFETs are selected. Similar to buck
or boost converter design, the low RDS(ON) MOSFETs
are preferred for low conduction losses. However, the
switching loss may be high for low RDS(ON) MOSFETs
due to the large gate capacitance. LTC7878 can drive
both logic level and non-logic level MOSFETs for users
to select the MOSFET widely. In the design example,
BSC034N06NS3 (non-logic level) and BSC014NE2LSI
(logic level) are used. Bootstrap diodes should be able
to handle the maximum VIN/VOUT voltage with higher
than 100mA capability. PMEG6010 Schottky diodes are
selected for the TG1/TG2 drivers.
Since the normal level MOSFETs are selected, an
input voltage UVLO may be set up on the RUN pin. A
100k/20k resistor divider from VIN to RUN pin will turn
on the converter when VIN is higher than 7.2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com