Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC7813
Description  70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 19Page - Analog Devices LTC7813 Datasheet HTML 20Page - Analog Devices LTC7813 Datasheet HTML 21Page - Analog Devices LTC7813 Datasheet HTML 22Page - Analog Devices LTC7813 Datasheet HTML 23Page - Analog Devices LTC7813 Datasheet HTML 24Page - Analog Devices LTC7813 Datasheet HTML 25Page - Analog Devices LTC7813 Datasheet HTML 26Page - Analog Devices LTC7813 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTC7878
23
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
PC BOARD LAYOUT CHECK LIST
The basic PC board layout requires a dedicated ground
plane layer. Also, for high current, a multilayer board pro-
vides heat sinking for power components. Please refer to
the evaluation kits, demo board layout and demo manual
for detailed examples.
• The ground plane layer should not have any traces
and should be as close as possible to the layer with
power MOSFETs.
• Place CIN, switch A, switch B in one compact area.
Place COUT, switch C, switch D in one compact area.
• Use immediate vias to connect the components (includ-
ing the LTC7878’s SGND and PGND pins) to the ground
plane. Use several large vias for each power component.
• Use planes for VIN and VOUT to maintain good voltage
filtering and to keep power losses low.
• Flood all unused areas on all layers with copper.
Flooding with copper will reduce the temperature rise
of power components. Connect the copper areas to any
DC net (VIN or GND).
• Segregate the signal and power grounds. All small sig-
nal components should return to the SGND pin, which
is then tied to the PGND pin at one point.
• Place switch B and switch C as close to the controller as
possible, keeping the PGND, BG and SW traces short.
• Keep the high dv/dt SW1, SW2, BOOST1, BOOST2, TG1
and TG2 nodes away from sensitive small-signal nodes.
• The path formed by switch A, switch B and the CIN
capacitor should have short leads and PC trace lengths.
The path formed by switch C, switch D and the COUT
capacitor also should have short leads and PC trace
lengths.
• The output capacitor (–) terminals should be con-
nected as closely as possible to the (–) terminals of
the input capacitor.
• Connect the top driver boost capacitor CBST1 closely to
the BOOST1 and SW1 pins. Connect the top driver boost
capacitor CBST2 closely to the BOOST2 and SW2 pins.
• Connect the input capacitors CIN and output capac-
itors COUT closely to the power MOSFETs. These
capacitors carry the MOSFET AC current in the boost
and buck region.
• Connect VFB pin resistive dividers to the (+) terminals
of COUT and signal ground. A small VFB bypass capac-
itor may be connected closely to the LTC7878 SGND
pin. The R2 connection should not be along the high
current or noise paths, such as the input capacitors.
• Route ISNSP and ISNSN leads together with minimum
PC trace spacing. ISNSP has to be electrically con-
nected to SW1 without any resistance. The filter capac-
itor between ISNSP and ISNSN should be as close as
possible to the IC. Ensure accurate current sensing
with Kelvin connections at the inductor. If ISNSD is
used, the filter capacitor on the ISNSD should also be
placed close to the IC.
• Connect the ITH/ITHB pin compensation network
closely to the IC, between ITH and the signal ground
pins. The capacitor helps to filter the effects of PCB
noise and output voltage ripple voltage from the com-
pensation loop.
• Connect the DRVCC bypass capacitor, closely to the IC,
between the DRVCC and the PGND pin. This capacitor
carries the MOSFET drivers’ current peaks. An addi-
tional 1μF ceramic capacitor placed immediately next
to the DRVCC and PGND pins can help improve noise
performance substantially.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com