Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC7813
Description  70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 12Page - Analog Devices LTC7813 Datasheet HTML 13Page - Analog Devices LTC7813 Datasheet HTML 14Page - Analog Devices LTC7813 Datasheet HTML 15Page - Analog Devices LTC7813 Datasheet HTML 16Page - Analog Devices LTC7813 Datasheet HTML 17Page - Analog Devices LTC7813 Datasheet HTML 18Page - Analog Devices LTC7813 Datasheet HTML 19Page - Analog Devices LTC7813 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTC7878
16
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
R1
10k
C1
47nF
L
4.7µF
DCR
10mΩ
ISNSP
ISNSN
ISNSD
SW1
SW2
PLACE C1 NEXT
TO IC PINS
LTC7878
7878 F04
INDUCTOR
Figure 4. Inductor DCR Current Sensing
To properly dimension the external filter components, the
DCR of the inductor must be known. It can be measured
using a good RLC meter, but the DCR tolerance is not
always the same and varies with temperature. To ensure
that the application will deliver full load current over the
full operating temperature range, use the manufacturer’s
maximum value, usually given at 20°C. Increase this value
to account for the temperature coefficient of resistance,
which is approximately 0.4%/°C. A conservative value for
TL(MAX) is 100°C. Consult the manufacturers’ data sheets
for detailed information.
To maintain a good signal-to-noise ratio for the current
sense signal, it suggested to have a minimum ∆VSENSE
larger than 10mV. For a DCR sensing application, the min-
imum sensed ripple voltage ∆VSENSE may be estimated
by the equation:
∆VSENSE = DCR • ∆IL(MIN)
In high current applications, a low DCR inductor is pre-
ferred for higher efficiency. LTC7878 is designed to sense
the low DCR inductor current using ADI proprietary sens-
ing method without sacrificing the signal-to-noise ratio.
The low DCR current sensing requires another RC filter
and ISNSD pin. As shown in the Figure 5.
R1
10k
C1
47nF
L
4.7µF
DCR
2.5mΩ
ISNSP
ISNSN
ISNSD
SW1
SW2
PLACE C1/C2 NEXT
TO IC PINS
LTC7878
7878 F05
INDUCTOR
C2
47nF
R2
27k
Figure 5. Small Inductor DCR Current Sensing
The external R1 • C1 time constant is chosen to be equal to
the L/(4 • DCR) time constant. If the C1 = C2, the R2 = 3 •
0.9 • R1 = 2.7 • R1. For example, a 4.7µH/2.5m inductor
and C1 = 0.047µF, the R1 should be L/(4 • DCR • C1) =
10kΩ, and R2 should be 2.7 • R1 = 27kΩ. With this setup,
the voltage drop on the inductor DCR is sensed and ampli-
fied 4 times larger inside the IC to compared with 100mV
or 200mV current threshold limits. Thus, the equivalent
maximum current sense voltage VSENSE is limited to
100mV/4 = 25mV or 200mV/4 = 50mV. And the maximum
inductor current is VSENSE/DCR = 25mV/2.5mΩ = 10A if
MODE/ILIM = 0. Note, in this condition, the sensed ripple
voltage is amplified 4 times larger and the ∆VSENSE may
be estimated by the equation:
∆VSENSE = 4 • DCR • ∆IL(MIN)
LTC7878 can also work with the RSENSE for precised
current sensing. Both RSENSE and DCR current sens-
ing require ISNSP pin Kelvin connection to the induc-
tor/RSENSE left terminal and short to SW1. The ISNSP
pin and SW1 pin must be electrically shorted together.
Please contact factory or field application for supporting
on detailed RSENSE setup.
For high efficiency, choose an inductor with low core loss,
such as ferrite. Also, the inductor should have as low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com