Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC7813
Description  70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 8Page - Analog Devices LTC7813 Datasheet HTML 9Page - Analog Devices LTC7813 Datasheet HTML 10Page - Analog Devices LTC7813 Datasheet HTML 11Page - Analog Devices LTC7813 Datasheet HTML 12Page - Analog Devices LTC7813 Datasheet HTML 13Page - Analog Devices LTC7813 Datasheet HTML 14Page - Analog Devices LTC7813 Datasheet HTML 15Page - Analog Devices LTC7813 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTC7878
12
Rev. 0
For more information www.analog.com
OPERATION
D
C
B
A
L
TG2
BG2
BG1
TG1
VOUT
SW1
SW2
VIN
7878 F01
Figure 1. Simplified Diagram of the Output Switches
Buck Region (VIN >> VOUT)
Switch D is always on and switch C is always off in this
region. Switches A and B will alternate, behaving like a
typical synchronous buck regulator. LTC7878 operates
like a conventional buck controller with peak current mode
control. The inductor peak current is regulated and pro-
portional to the voltage on the ITH/ITHB pin. As the input
voltage decreases and close to the output voltage, the
duty cycle of the switch A in buck mode increases. Until
the duty cycle reaches 83%, the LTC7878 will enter buck-
boost region as the input voltage keeps decreasing.
Buck – Boost Region (VIN ≈ VOUT)
When VIN is close to VOUT, the controller enters buck-
boost region. To maintain peak current mode control,
the current comparator needs to be tripped each cycle
by the inductor peak current. However, at VIN = VOUT,
the inductor current is flat and has no peak to trip the
current comparator in buck or boost mode operation. To
create an inductor peak current, when the duty cycle is
larger than 83% in buck mode operation and the current
comparator has not been tripped, switches A and C will
be turned on to force inductor current ramping up quickly
until the current comparator tripped. The peak inductor
current is still controlled by the voltage on the ITH/ITHB
pin with cycle by cycle peak current limit. As the input
voltage keeps decreasing and the buck mode duty cycle
reaches 100%, the LTC7878 enters boost mode naturally.
Boost Region (VIN << VOUT)
Switch A is always on and synchronous switch B is always
off in the boost region. Switches C and D will alternate,
behaving like a typical synchronous boost regulator.
LTC7878 operates like a conventional peak current mode
control boost controller. In every cycle, switch C is turned
on first, the inductor current is regulated and proportional
to the voltage on the ITH/ITHB pin with same peak current
limit as the buck mode. The maximum duty cycle of the
switch C in boost mode operation is around 92%.
PULSE-SKIPPING MODE AND LIGHT LOAD CURRENT
OPERATION (MODE/ILIM PIN)
LTC7878 can be set to enter pulse-skipping mode or
FCM using MODE/ILIM pin. To select forced continuous
operation, tie the MODE/ILIM pin to SGND or INTVCC. To
select pulse-skipping mode of operation, tie the MODE/
ILIM pin to a voltage of 2/3 of INTVCC (e.g., a 10k/20k
resistor divider from INTVCC to SGND) or leave it float.
The MODE/ILIM pin is a multi-functional pin. It not only
sets the operation mode but also programs the peak cur-
rent limits. LTC7878 uses the inductor DCR for current
sensing, the maximum voltage drop through the DCR is
limited to 100mV/200mV if ISNSD is shorted to ISNSP.
Refer to Table 1 for the MODE/ILIM pin setup.
Table 1.
MODE/ILIM PIN
MAXIM CURRENT SENSE
THRESHOLD (ISNSD
SHORT TO ISNSP)
OPERATION MODE
SGND
10OmV
Forced Continuous Mode
Float
100mV
Pulse-Skipping Mode
2/3 INTVCC
200mV
Pulse-Skipping Mode
INTVCC
200mV
Forced Continuous Mode
When the LTC7878 is in the FCM, the light load opera-
tion is the same as the heavy load operation with a con-
stant switching frequency and the output voltage ripple
is minimized. When the LTC7878 enters pulse-skipping
mode at light load conditions, the inductor current is not
allowed to reverse, and the synchronous switch D is held
off whenever reverse current on the inductor is detected.
At very light loads, the current comparator may remain
tripped for many cycles and force switch A and C to stay
off for the same number of cycles (i.e., skipping pulses).
In buck-boost region, the LTC7878 may switch several



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com