Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC7813
Description  70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 6Page - Analog Devices LTC7813 Datasheet HTML 7Page - Analog Devices LTC7813 Datasheet HTML 8Page - Analog Devices LTC7813 Datasheet HTML 9Page - Analog Devices LTC7813 Datasheet HTML 10Page - Analog Devices LTC7813 Datasheet HTML 11Page - Analog Devices LTC7813 Datasheet HTML 12Page - Analog Devices LTC7813 Datasheet HTML 13Page - Analog Devices LTC7813 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC7878
10
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
DBST1
CBST1
0.1µF
200mV
CDRVCC
4.7µF
CINTVCC
4.7µF
CBST2
0.1µF
DBST2
L1
CIN
CS
RS
R
R
RTHB
RTH
CTH
CONTROL LOGIC
ANTI-SHOOT-THROUGH
PGND
PGOOD
LDO
LDO
VIN
1.2V
UVLO
RUN
VIN OR EXTVCC
1 A ~ 6 A
FREQ
10uA
OSC
BOOST1
TG1
INTVCC (5V)
BG1
SW1
BOOST2
VOUT
EXTVCC
VIN
EXTVCC
DRVCC
DRVCC (7V)
LDO
INTVCC
TG2
SW2
PGND
BG2
DRVCC
BOOST1
BOOST2
CHARGE
VIN
BOOST1
ISNSP
ISNSD
ISNSN
SW1
SYNC
PHASE
CLKOUT
SELECT
PHASMD
MODE/
ILIM
CCM/
DCM
CSP
CSN
SETCUR
1.2V
ITHB
ITH
VFB
INTVcc
2.5 A
SOFT-START
15 A
INTVCC
SS
1.0VREF
COMP
1.1V
0.9V
ILLIMIT
SELECT
SLOPE
COMPENSATION
AND
RECOVERY
7878BD
CHARGE
VIN
BOOST2
+
–
(gmb – gmb)
gmb
MODE/
ILIM
× 20
ILLIMIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com