Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC7813
Description  70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 17Page - Analog Devices LTC7813 Datasheet HTML 18Page - Analog Devices LTC7813 Datasheet HTML 19Page - Analog Devices LTC7813 Datasheet HTML 20Page - Analog Devices LTC7813 Datasheet HTML 21Page - Analog Devices LTC7813 Datasheet HTML 22Page - Analog Devices LTC7813 Datasheet HTML 23Page - Analog Devices LTC7813 Datasheet HTML 24Page - Analog Devices LTC7813 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC7878
21
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
produce the most improvement. Although all dissipative
elements in circuit produce losses, four main sources
account for most of the losses in LTC7878 circuits.
1. DC I2R Losses. These arise from the resistances
of the MOSFETs, sensing resistor, inductor and PC
board traces and cause the efficiency to drop at high
output currents.
2. MOSFET Transition Loss. This loss arises from the brief
amount of time switch A or switch C spends in the satu-
rated region during switch node transitions. It depends
upon the input voltage, load current, driver strength
and MOSFET capacitance, among other factors.
3. DRVCC Current. This is the sum of the MOSFET driver
and control currents. This loss can be reduced by
supplying DRVCC current through the EXTVCC pin
from a high efficiency source, such as the output
(if 7V < VOUT = < 20V) or alternate low voltage supply
if available.
4. CIN and COUT Loss. The input capacitor has the difficult
job of filtering the large RMS input current to the regu-
lator in buck mode. The output capacitor has the more
difficult job of filtering the large RMS output current in
boost mode. Both CIN and COUT are required to have
low ESR to minimize the AC I2R loss and sufficient
capacitance to prevent the RMS current from causing
additional upstream losses in fuses or batteries.
5. Other Losses. Optional Schottky diodes paralleled
switch B and D are responsible for conduction losses
during dead time. Inductor core loss should also be
considered. Switch C causes reverse recovery current
loss in boost mode.
When making adjustments to improve efficiency, the input
current is the best indicator of changes in efficiency. If one
makes a change and the input current decreases, then the
efficiency has increased. If there is no change in input
current, then there is no change in efficiency.
Parallel Operations
For output loads that demand high current, multiple
LTC7878s can be paralleled and daisy chained to run
out of phase to provide more output current without
increasing input and output voltage ripple. The SYNC
pin allows the LTC7878 to synchronize to the CLKOUT
signal of another LTC7878. The CLKOUT signal can be
connected to the SYNC pin of the following LTC7878
stage to line up both the frequency and the phase of the
entire system. Tying the PHASMD pin to GND, floating or
INTVCC generates a phase difference (between SW1 and
CLKOUT) of 180°, 120° or 90° respectively for 2, 3 or 4
ICs parallel operations.
Similar to other peak current mode controllers, LTC7878
may be paralleled with natural cycle-by-cycle current
sharing and no extra current sharing loop and stability
issues. When designing multiple ICs parallel operations,
always start from the single LTC7878 design and check
the output current capability and load current transient
stability. Then the LTC7878s can be paralleled by making
these connections.
• Tie All of the VFB Pins Together
• Tie All of the ITH Pins Together (Assuming ITHB Short
To ITH for Initial Debug)
• Tie All of the SS Pins Together
• Tie All of the RUN Pins Together
• Tie the Inputs of All Converters Together
• Tie the Outputs of All Converters Together
• Route One IC’s CLKOUT to Another IC’s SYNC Pin
Refer to the Typical Applications section for an example
of a 2-phase parallel operation design.
The LTC7878 may also be paralleled from different input
voltages for a redundancy design. Just do not tie SS and
RUN pin of the LTC7878s together and each LTC7878 can
start up with different input voltages to supply current
to a single output. Any one input voltage failure won’t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com