Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC7813
Description  70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 3Page - Analog Devices LTC7813 Datasheet HTML 4Page - Analog Devices LTC7813 Datasheet HTML 5Page - Analog Devices LTC7813 Datasheet HTML 6Page - Analog Devices LTC7813 Datasheet HTML 7Page - Analog Devices LTC7813 Datasheet HTML 8Page - Analog Devices LTC7813 Datasheet HTML 9Page - Analog Devices LTC7813 Datasheet HTML 10Page - Analog Devices LTC7813 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC7878
7
Rev. 0
For more information www.analog.com
Two-Phase Parallel Operation
Load Step (8VIN, 12VOUT)
Two-Phase Parallel Operation
Load Step (12VIN, 12VOUT)
Two-Phase Parallel Operation
Load Step (24VIN, 12VOUT)
Boost Mode Start-Up with 5Ω
Load (8VIN to 12VOUT)
Buck Mode Start-Up with 5Ω Load
(24VIN to 12VOUT)
Input Voltage Line Transient
8VIN to 16VIN to 8VIN
200µs/DIV
VOUT (AC)
500mV/DIV
IL1
10A/DIV
IL2
10A/DIV
IOUT
10A/DIV
7878 G13
200µs/DIV
VOUT (AC)
500mV/DIV
IL1
5A/DIV
IL2
5A/DIV
IOUT
10A/DIV
7878 G14
200µs/DIV
VOUT (AC)
500mV/DIV
IL1
10A/DIV
IL2
10A/DIV
IOUT
10A/DIV
7878 G15
2ms/DIV
SW1
10V/DIV
SW2
10V/DIV
VOUT
10V/DIV
IL
5A/DIV
7878 G16
2ms/DIV
SW1
20V/DIV
SW2
10V/DIV
VOUT
10V/DIV
IL
5A/DIV
7878 G17
500µs/DIV
VIN
10V/DIV
VOUT (AC)
500mV/DIV
IL
2A/DIV
7878 G18
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com