Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC7813
Description  70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 9Page - Analog Devices LTC7813 Datasheet HTML 10Page - Analog Devices LTC7813 Datasheet HTML 11Page - Analog Devices LTC7813 Datasheet HTML 12Page - Analog Devices LTC7813 Datasheet HTML 13Page - Analog Devices LTC7813 Datasheet HTML 14Page - Analog Devices LTC7813 Datasheet HTML 15Page - Analog Devices LTC7813 Datasheet HTML 16Page - Analog Devices LTC7813 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC7878
13
Rev. 0
For more information www.analog.com
OPERATION
cycles and then keep skipping pulses for longer time at
light loads until the control loop pull the ITH/ITHB high.
The pulse-skipping mode decreases the switching fre-
quency thus improves efficiency but may cause larger
output voltage ripple at light loads.
OUTPUT OVERVOLTAGE OPERATION
If the output voltage is higher than the value commanded
by the VFB resistor divider, the LTC7878 will respond
according to the mode and region of operation. In con-
tinuous conduction mode, the LTC7878 will sink current
into the input. If the input supply is capable of sinking cur-
rent, the LTC7878 will allow the reverse inductor current
to be sunk into the input. The maximum valley current of
the reverse inductor current is approximately 40% of the
maximum peak inductor current in the positive direction.
In pulse-skipping mode, switching will stop and the out-
put will be allowed to remain high.
CONSTANT-CURRENT REGULATION (CSP/CSN/
SETCUR PINS)
The LTC7878 provides a constant-current regulation
loop for either input or output average current. A sens-
ing resistor close to the input or output capacitor can
be used to sense the input or output current. Because
the input or output current may be a pulse current in the
different operation regions, A RC filter has to be applied
on CSP and CSN pins for average current sensing. When
the voltage on the current sensing resistor exceeds the
programmed current limit, the voltage on the ITH/ITHB
pin will be pulled low to decrease the inductor current and
maintain the desired maximum input or output current.
The current limit may be set by the voltage on the SETCUR
pin from 0.2V to 1.2V corresponding to the linearly 0mV
to 50mV current limit on the sensing resistor. There is a
15µA current out of the SETCUR pin and if the SETCUR
pin is float or SETCUR pin voltage higher than 1.2V, the
current limit is clamped at 50mV internally. The input
current limit function prevents overloading the DC input
source, while the output current limit provides a building
block for battery charger or LED driver applications. It
can also serve as an extra current limit protection for a
constant-voltage regulation application. The input/output
current limit function has an operating voltage range of
GND to the absolute maximum VOUT/VIN (72V).
FREQUENCY SELECTION AND PHASE-LOCKED LOOP
(FREQ, SYNC, PHASMD AND CLKOUT PINS)
The selection of switching frequency is a trade-off between
efficiency and component size. Low frequency opera-
tion increases efficiency by reducing MOSFET switching
losses but requires larger inductance and/or capacitance
to maintain low output ripple voltage. The switching fre-
quency of the LTC7878’s controllers can be selected using
the FREQ pin. If the SYNC pin is not being driven by an
external clock source, the FREQ pin can be used to pro-
gram the controller’s operating frequency from 100kHz to
600kHz. Switching frequency is determined by the voltage
on the FREQ pin. Since there is a precision 10μA current
flowing out of the FREQ pin, the user can program the
controller’s switching frequency with a single resistor to
SGND (e.g., the FREQ pin voltage is 1V with 100k resis-
tor from the FREQ pin to SGND). A curve in Figure 2 is
provided to show the relationship between the voltage on
the FREQ pin and the switching frequency.
FREQ PIN VOLTAGE (V)
0
0.5
1
1.5
2
2.5
3
0
100
200
300
400
500
600
700
800
900
7878 F02
Figure 2. Relationship Between Switching
Frequency and Voltage at FREQ Pin
A phase-locked loop (PLL) is integrated on the LTC7878
to synchronize the internal oscillator to an external clock
source driving the SYNC pin. The PLL is capable of
locking to any frequency within the range of 100kHz to
600kHz. The frequency setting resistor at FREQ pin should



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com