Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC7813
Description  70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 16Page - Analog Devices LTC7813 Datasheet HTML 17Page - Analog Devices LTC7813 Datasheet HTML 18Page - Analog Devices LTC7813 Datasheet HTML 19Page - Analog Devices LTC7813 Datasheet HTML 20Page - Analog Devices LTC7813 Datasheet HTML 21Page - Analog Devices LTC7813 Datasheet HTML 22Page - Analog Devices LTC7813 Datasheet HTML 23Page - Analog Devices LTC7813 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTC7878
20
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
To prevent the maximum junction temperature from being
exceeded, the input supply current must be checked while
operating in continuous conduction mode at maximum
VIN. If the output voltage of the above example converter
is 24V and it is connected to EXTVCC pin. When the volt-
age applied to EXTVCC rises above 7.5V, the DRVCC linear
regulator from VIN is turned off and the linear regula-
tor from EXTVCC is turned on. Using EXTVCC allows the
MOSFET driver and control power to be derived from
the LTC7878’s switching regulator output during normal
operation and from the VIN when the output is out of reg-
ulation (e.g., start-up, short-circuit). Significant efficiency
and thermal gains can be realized by powering EXTVCC
from the 24V output, which reduces the junction tem-
perature in the previous example from 106.6°C to 57.6°C:
TJ = 25°C + (40mA)(24V)(34°C/W) = 57.6°C
Powering EXTVCC from the output can also provide
enough gate drive when VIN drops below 7V. This allows
a wider operating range for VIN after the controller start
into regulation. If both input and output voltages are high
voltages such as 40V, an external low voltage (8V ~ 10V)
bias supply is suggested to be used on the EXTVCC pin
for better efficiency and thermal performance.
Undervoltage Lockout
The LTC7878 has two ways that help protect the control-
ler in case of undervoltage conditions. A precision UVLO
comparator constantly monitors the DRVCC voltage to
ensure that an adequate gate-drive voltage is present.
It locks out the switching action when DRVCC is below
4.3V. To prevent oscillation when there is a disturbance
on the DRVCC, the UVLO comparator has 350mV of
precision hysteresis.
Another way to detect an undervoltage condition is to
monitor the VIN supply. Because the RUN pin has a pre-
cision turn-on reference of 1.2V, one can use a resis-
tor divider from VIN to turn on the IC when VIN is high
enough. An extra 4μA of current flows out of the RUN pin
once its voltage passes 1.22V. One can program the hys-
teresis of the run comparator by adjusting the values of
the resistive divider. To drive the non-logic level MOSFETs
with higher threshold voltages, it is suggested to set the
VIN UVLO higher than 7V using RUN pin for enough gate
drive voltage.
Soft Start-Up Function
When a capacitor is connected to the SS pin, a soft-start
current of 2.5μA starts to charge the capacitor. A soft-
start function is achieved by controlling the output ramp
voltage according to the ramp rate on the SS pin. Current
foldback is disabled during this phase to ensure smooth
soft-start. When the chip is in the shutdown state with its
RUN pin voltage below 1.22V, the SS pin is actively pulled
to ground. The soft-start range is defined to be the voltage
range from 0V to 1.0V on the SS pin. The total soft-start
time can be calculated as:
tSOFT-START = 1.0 •
CSS
2.5µA
Regardless of the mode selected by the MODE/ILIM pin,
the regulator will always start in pulse-skipping mode up
to SS = 1.0V.
Fault Conditions: Current Limit and Current Foldback
The maximum inductor current is inherently limited in a
current mode controller by the maximum sense voltage.
With 100mV current limit setup (MODE/ILIM tie to ground
and ISNSD short to ISNSP), maximum sense voltage and
the inductor DCR determine the maximum allowed induc-
tor peak current, which is:
IL(PEAK) =
100mV
DCR
To further limit current in the event of a short circuit to
ground, the LTC7878 includes foldback current limiting.
If the output falls by more than 40%, then the maximum
sense voltage is progressively lowered to about one-fifth
of its full value.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com