Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC7813
Description  70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 7Page - Analog Devices LTC7813 Datasheet HTML 8Page - Analog Devices LTC7813 Datasheet HTML 9Page - Analog Devices LTC7813 Datasheet HTML 10Page - Analog Devices LTC7813 Datasheet HTML 11Page - Analog Devices LTC7813 Datasheet HTML 12Page - Analog Devices LTC7813 Datasheet HTML 13Page - Analog Devices LTC7813 Datasheet HTML 14Page - Analog Devices LTC7813 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC7878
11
Rev. 0
For more information www.analog.com
OPERATION
MAIN CONTROL LOOP
The LTC7878 is a constant-frequency, peak current
mode controller for 4-switch buck-boost converters
which can regulate an output voltage above, below or
equal to the input voltage. The ADI proprietary current
sensing and control architecture employs inductor DCR
(DC Resistance) for current sensing and close loop reg-
ulation. The inductor peak current is controlled by the
voltage on the ITH and ITHB pins, which is the output of
the error amplifier EA. The VFB pin receives the voltage
feedback signal and compared with the internal 1.0V ref-
erence voltage by the EA. If the input or output average
current regulation loop is implemented, the inductor cur-
rent is controlled by either the output feedback voltage or
the input/output average current.
DRVCC POWER
Power for the top and bottom N-channel MOSFET driv-
ers and most other internal circuitry is derived from the
DRVCC pin. When EXTVCC supply is not used, an internal
7V linear regulator supplies DRVCC power from VIN. If
EXTVCC is connected to an external voltage source such
as the output of the buck-boost converter, another 7V
linear regulator under EXTVCC may be enabled and sup-
ply DRVCC power. LTC7878 internally choose VIN linear
regulator or EXTVCC linear regulator to supply the DRVCC
based on the operation mode and supply voltages to min-
imize the IC power loss and reduce the IC temperature.
Either VIN or EXTVCC can supply the IC separately. If one
of power supplies on VIN or EXTVCC fails, LTC7878 can
still operate normally with the other input supply on VIN
or EXTVCC. Both VIN and EXTVCC can take the voltage as
high as 70V.
START-UP AND SHUTDOWN CONTROL (RUN)
The LTC7878 is in the shutdown mode when the RUN pin
is pulled down and lower than 0.5V. In shutdown mode,
most internal circuitry is turned off including the DRVCC/
INTVCC regulators and the LTC7878 consumes less than
100μA current. All the driver outputs are actively low to
turn off the external N-channel MOSFETs. Releasing RUN
allows an internal 1µA current to pull up this pin and
enable the converter. When RUN pin voltage is higher than
0.5V and lower than 1.2V, the LTC7878 is in the standby
mode, the DRVCC/INTVCC regulators and all the internal
circuitry are enabled but no switching. After RUN pin is
higher than 1.2V, the LTC7878 is in the active mode and
starts switching and regulating the output voltage. The
RUN pin may be externally pulled up or driven directly
by logic. Alternatively, the RUN pin can be controlled by
a resistor divider from VIN to SGND to achieve program-
mable VIN UVLO (undervoltage lockout). Customers may
design the converter to start-up at the pre-programmed
VIN voltage with different resistor divider values. Do not
exceed the Absolute Maximum Ratings of 12V on the
RUN pin.
The start-up of the converter’s output, VOUT, is controlled
by the voltage on the SS pin. When the voltage on the SS
pin is less than the 1.0V internal reference, the LTC7878
regulates the VFB voltage to the SS voltage instead of the
1.0V reference. This allows the SS pin to be used to pro-
gram soft-start by connecting an external capacitor from
the SS pin to SGND. An internal 2.5μA pull-up current
charges this capacitor, creating a voltage ramp on the SS
pin. As the SS voltage rises linearly from 0V to 1.0V (and
beyond), the output voltage VOUT rises smoothly from
zero to its final value. During the start-up, the LTC7878
operates in the pulse-skipping mode to avoid the negative
inductor current and output voltage discharging. When
RUN is pulled low to disable the controller, or when DRVCC
is below the undervoltage lockout threshold of 4.0V, the
SS pin is pulled low by an internal MOSFET. In undervolt-
age lockout, the controller is disabled and the external
MOSFETs are held off.
POWER SWITCH CONTROL
The simplified Block Diagram shows how the four power
switches are connected to the inductor, VIN, VOUT and
GND. LTC7878 operates in buck region (VIN >>VOUT),
boost region (VIN << VOUT) and buck-boost region
(VIN ≈ VOUT) without sensing the VIN and VOUT voltage.
The power switches are properly controlled so the transfer
between regions is continuous and smooth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com