Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC7813
Description  70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 2 Page - Analog Devices

  LTC7813 Datasheet HTML 1Page - Analog Devices LTC7813 Datasheet HTML 2Page - Analog Devices LTC7813 Datasheet HTML 3Page - Analog Devices LTC7813 Datasheet HTML 4Page - Analog Devices LTC7813 Datasheet HTML 5Page - Analog Devices LTC7813 Datasheet HTML 6Page - Analog Devices LTC7813 Datasheet HTML 7Page - Analog Devices LTC7813 Datasheet HTML 8Page - Analog Devices LTC7813 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC7878
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input and Output Voltage (VIN, VOUT) ........ –0.3V to 72V
Topside Driver Voltages
(BOOST1, BOOST2).................................... –0.3V to 78V
Switch Voltages (SW1, SW2)........................ –5V to 72V
(BOOST1 – SW1), (BOOST2 – SW2)............ –0.3V to 8V
Inductor Current Sense Voltages
(ISNSP, ISNSN, ISNSD).................................. –5V to72V
Input/Output Current Sense Voltages
(CSP, CSN)................................................. –0.3V to 72V
EXTVCC Voltage ......................................... –0.3V to 72V
RUN Voltage................................................–0.3V to 12V
PGOOD Voltage............................................ –0.3V to 6V
ITH, ITHB, VFB Voltages........................–0.3V to INTVCC
PHASMD, SETCUR, SS Voltages...........–0.3V to INTVCC
FREQ, SYNC, CLKOUT Voltages............–0.3V to INTVCC
MODE/ILIM Voltage ..............................–0.3V to INTVCC
DRVCC Peak Current (Note 10).............................100mA
TG1, BG1, TG2, BG2........................................... (Note 9)
Operating Junction Temperature Range (Notes 2, 3)
LTC7878A .......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
32
33
SGND
31 30 29 28 27 26 25
9 10 11 12
TOP VIEW
UH PACKAGE
32-LEAD (5mm × 5mm) PLASTIC QFN
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 33) IS SGND, MUST BE SOLDERED TO PCB
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
BG1
VIN
DRVCC
EXTVCC
INTVCC
RUN
PGND
BG2
CSN
CSP
SETCUR
SYNC
CLKOUT
FREQ
PHASMD
MODE/ILIM
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC7878AUH#PBF
LTC7878AUH#TRPBF
LTC7878
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com