Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC7813
Description  70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 5Page - Analog Devices LTC7813 Datasheet HTML 6Page - Analog Devices LTC7813 Datasheet HTML 7Page - Analog Devices LTC7813 Datasheet HTML 8Page - Analog Devices LTC7813 Datasheet HTML 9Page - Analog Devices LTC7813 Datasheet HTML 10Page - Analog Devices LTC7813 Datasheet HTML 11Page - Analog Devices LTC7813 Datasheet HTML 12Page - Analog Devices LTC7813 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC7878
9
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
PHASMD (Pin 18): Phase Mode Program Pin. This pin
sets the phase relationship between the internal oscillator
clock and the output clock on the CLKOUT pin. Tie this
pin to SGND sets 180-degree phase-shift, float this pin
sets 120-degree phase-shift and tie this pin to INTVCC
sets 90-degree phase-shift. See Applications Information
section for details.
FREQ (Pin 19): Frequency Set Pin. A resistor between
this pin and SGND sets the switching frequency. This pin
sources 10µA current.
CLKOUT (Pin 20): Clock Output Pin. Use this pin to syn-
chronize the switching frequency of multiple LTC7878
ICs for parallel operations. Signal swings is from INTVCC
to ground.
SYNC (Pin 21): Switching Frequency Synchronization Pin.
Applying an external clock between 100kHz to 600kHz
will cause the switching frequency to synchronize to the
external clock. If SYNC is low, a resistor from the FREQ
pin to SGND sets the default switching frequency. This
pin has a 500k internal resistor to ground.
SETCUR (Pin 22): Average Current Regulation Pin. A
resistor from this pin to SGND sets the maximum aver-
age input or output current sensed by the CSP and CSN
pins. This pin sources 15μA current.
CSP, CSN (Pins 23, 24): Average Current Sensing Pins.
The positive/negative inputs of the internal rail-to-rail
average current sense amplifier.
VOUT (Pin 25): Floating Driver Bias Pin in Boost Mode.
Supply the bias current for the BOOST1 to SW1 driver
circuitry when VOUT is much higher than VIN.
NC (Pin 26): No Connect Pin.
ISNSN (Pin 27): Negative Current Sense Comparator
Inputs. The negative input of the current comparator is
normally connected to the DCR sensing network.
ISNSP (Pin 28): Positive Current Sense Comparator
Inputs. This pin must be Kelvin connected to the inductor
on the switching node SW1.
ISNSD (Pin 29): DC Current Sense Comparator Inputs.
These inputs amplify the DC portion of the sensed current
signal to the IC’s current comparator. If no use in large
DCR applications, short ISNSD pin to ISNSP pin locally.
See Applications Information section for details.
SGND (Exposed Pad Pin 33): Signal Ground Pin. Must be
soldered to PCB ground for rated thermal performance.
All small signal components e.g., INTVCC, SS, ITH, VFB,
FREQ, etc. should be connected here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com