Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC7813
Description  70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 1 Page - Analog Devices

  LTC7813 Datasheet HTML 1Page - Analog Devices LTC7813 Datasheet HTML 2Page - Analog Devices LTC7813 Datasheet HTML 3Page - Analog Devices LTC7813 Datasheet HTML 4Page - Analog Devices LTC7813 Datasheet HTML 5Page - Analog Devices LTC7813 Datasheet HTML 6Page - Analog Devices LTC7813 Datasheet HTML 7Page - Analog Devices LTC7813 Datasheet HTML 8Page - Analog Devices LTC7813 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC7878
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
70V Parallelable 4-Switch
Buck-Boost Controller with Inductor
DCR Current Sensing
The LTC®7878 is a high performance buck-boost switch-
ing regulator controller that operates from an input volt-
age above, below or equal to the output voltage. The con-
stant-frequency, peak current mode architecture allows
a phase-lockable switching frequency of up to 600kHz,
while a programmable input or output current loop regu-
lates the average input or output current accurately sup-
porting battery charging applications. With a wide 5V to
70V input and output range and seamless, low noise tran-
sitions between operating regions, the LTC7878 is ideal
for industrial and telecom systems.
The LTC7878 features forced continuous mode (FCM)/
pulse-skipping mode operation. It supports multiphase/
multi-ICs parallel operation for high power applications.
Additional features include 7V N-Channel gate drivers,
smart EXTVCC auxiliary supply and programmable induc-
tor peak current limit. A PGOOD pin indicates when the
output is within 10% of its designed set point.
The LTC7878 is available in a low profile 32-Lead QFN
package.
Input Voltage Line Transient
9VIN to 15VIN to 9VIN
APPLICATIONS
n
Single Inductor Architecture Allows VIN Above,
Below or Equal to the Regulated VOUT
n
Synchronous Rectification: Up to 98% Efficiency
n
Wide VIN Voltage Range: 5V to 70V
n
±1% Output Voltage Accuracy: 1V ≤ VOUT ≤ 70V
n
DCR or RSENSE Current Sensing
n
Peak Current Mode Control in Buck/Boost/Buck-
Boost Mode
n
Programmable Input or Output Current Regulation
n
7V NMOS Gate Drivers
n
Phase-Lockable Frequency (100kHz to 600kHz)
n
Multiphase/Multi-ICs Parallel Operation
n
Selectable Continuous or Pulse-Skipping Mode
Operation and Inductor Peak Current Limits
n
Small 32-Lead 5mm × 5mm QFN Package
n
Industrial and Telecom Systems
n
Distributed DC Power or Battery Systems
All registered trademarks and trademarks are the property of their respective owners.
1ms/DIV
VIN
10V/DIV
SW1
10V/DIV
VOUT(AC)
500mV/DIV
IL
2A/DIV
7878 TA01b
BOOST1
BOOST2
BOOST1
BOOST2
M4
M3
M2
M1
CIN
22µF
COUT2
220µF
R1
110k
RC
10k
8k
CBST2
0.1µF
R2
10k
CINTVCC
4.7µF
DBST1
DBST2
L
4.7µF
CSS
0.022µF
15nF
100k
CDRVCC
4.7µF
TG2
BG2
BG1
TG1
VOUT
12V, 6A
BOOST1
BOOST2
SW1
SW2
ISNSP
ISNSN
ISNSD
CSP
CSN
VIN
9V TO 36V
VFB
DRVCC
EXTVCC
SS
VOUT
MODE/ILIM
SGND
PGND
ITH
FREQ
VIN
LTC7878
INTVCC
ITHB
7878 TA01a
COUT1
220µF
CC
47nF
CBST1
0.1µF


Similar Part No. - LTC7813

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
LTC7813 LINER-LTC7813 Datasheet
1Mb / 32P
Low IQ, 60V, High Frequency Synchronous Step-Down Controller
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
Low IQ, 60V Synchronous BoostBuck Controller
LTC7813 LINER-LTC7813 Datasheet
1Mb / 36P
Hybrid Step-Down Synchronous Controller
logo
Analog Devices
LTC7813 AD-LTC7813 Datasheet
1Mb / 48P
Six-Phase, Synchronous Bidirectional Buck or Boost Controller
More results

Similar Description - LTC7813

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3780 LINER-LTC3780 Datasheet
421Kb / 28P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
logo
National Semiconductor ...
LM27402 NSC-LM27402 Datasheet
670Kb / 32P
High Performance Synchronous Buck Controller with DCR Current Sensing
logo
Linear Technology
LT3791EFE-1 LINER-LT3791EFE-1 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
60V Synchronous 4-Switch Buck-Boost Controller
LT3791-1 LINER-LT3791-1_15 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
LTC3789 LINER-LTC3789_15 Datasheet
535Kb / 30P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
logo
Texas Instruments
LM27402 TI-LM27402_15 Datasheet
2Mb / 48P
LM27402 High-Performance Synchronous Buck Controller With DCR Current Sensing
logo
Linear Technology
LT8390 LINER-LT8390 Datasheet
1Mb / 32P
60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
logo
Analog Devices
LT8392 AD-LT8392 Datasheet
2Mb / 28P
60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com