Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC7813
Description  70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 3 Page - Analog Devices

  LTC7813 Datasheet HTML 1Page - Analog Devices LTC7813 Datasheet HTML 2Page - Analog Devices LTC7813 Datasheet HTML 3Page - Analog Devices LTC7813 Datasheet HTML 4Page - Analog Devices LTC7813 Datasheet HTML 5Page - Analog Devices LTC7813 Datasheet HTML 6Page - Analog Devices LTC7813 Datasheet HTML 7Page - Analog Devices LTC7813 Datasheet HTML 8Page - Analog Devices LTC7813 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC7878
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. , VIN = 12V, RUN > 1.25V unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Bias Supply (VIN, EXTVCC)
VIN
Bias Input Supply Operating Voltage Range
5
70
V
EXTVcc
Auxiliary Bias Voltage Operating Range
5
70
V
IQ
VIN Supply Current (Shutdown Mode)
VIN = 5V, RUN = 0V, EXTVCC = 0V
70
100
µA
VIN Supply Current (Standby Mode)
VIN = 5V, RUN = 0.9V, EXTVCC = 0V
3
mA
Controller Operation
VOUT
Output Voltage Operating Range
1
70
V
VFB
Regulated Feedback Voltage
(Note 4) ITH, ITHB Voltage = 1.2V
l
0.99
1.00
1.01
V
IVFB
VFB Pin Current
(Note 4)
–50
–100
nA
VREFLNREG
Reference Voltage Line Regulation
(Note 4), VIN = 12V to 72V
0.01
0.2
%
VLOADREG
Output Voltage Load Regulation
Measure in Servo Loop, ITH = ITHB,
∆ITH Voltage = 1.2V to 1.8V
0.05
0.2
%
Measure in Servo Loop, ITH = ITHB,
∆ITH Voltage = 1.2V to 0.6V
–0.05
–0.2
%
gm
Error Amplifier Transconductance gm
(Note 4) ITH = ITHB = 1.2V, Sink/Source = 10μA
2
mmho
gmb (Buck)
Error Amplifier Transconductance gmb
(Note 4) ITH = ITHB = 1.2V, Sink/Source = 10μA
1
mmho
UVLO_DRVCC
DRVCC Undervoltage Lockout
DRVCC Ramping Down
3.9
4.3
4.5
V
UVLO_DRV_HYS DRVCC Undervoltage Hysteresis
0.35
V
UVLO_INTVCC
INTVCC Undervoltage Lockout
INTVCC Ramping Down
3.95
V
UVLO_INTV_HYS INTVCC Undervoltage Hysteresis
0.45
V
VRUN
RUN Pin Threshold 1 (Shutdown to Standby)
RUN Pin Threshold 2 (Standby to On)
VRUN Rising
VRUN Rising
0.3
1.1
0.57
1.2
1.3
V
V
IRUN
RUN Pin Source Current
VRUN <0.57V
0.57V < VRUN < 1.2V
VRUN > 1.2V
1
2
6
µA
µA
µA
ISS
Soft-Start (SS Pin) Source Current
2.5
µA
DMAX_BG2
Maximum Duty Cycle of Boost Mode (BG2)
90
%
Inductor Current Sensing
VSENSE(ILMAX)
Maximum Inductor Peak Current Sense
Threshold
MODE/ILIM < INTVCC/2, ITH = ITHB = 2.1V,
VISNSP– VISNSD = 25mV
l
18
25
32
mV
MODE/ILIM > INTVCC/2, ITH = ITHB = 2.1V,
VISNSP – VISNSD = 50mV
l
40
50
60
mV
MODE/ILIM < INTVCC/2, ITH = ITHB = 2.1V,
VISNSP = VISNSD
l
92
100
108
mV
MODE/ILIM > INTVCC/2, ITH = ITHB = 2.1V,
VISNSP = VISNSD
l
190
200
210
mV
IISNSD
ISNSD Pin Leakage Current
0
±0.1
µA
IISNSN
ISNSN Pin Leakage Current
0
±0.1
µA
Input/Output Average Current Regulation
ICSP
CSP Pin Input Current
VCSP = VCSN > 5V, VCSP – VCSN = 50mV
14
20
µA
ICSN
CSN Pin Input Current
VCSP = VCSN > 5V, VCSP – VCSN = 50mV
14
20
µA
∆ICS
CSP/CSN Pin Current Mismatch
VCSP = 12V, VCSP – VCSN = 50mV
0.05
±1
µA
VMAX(IAVG)
Maximum Average Current Limit
VCSP = 12V
l
46.5
50
53
mV
ISETCUR
SETCUR Pin Output Current
14
15
16
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com