Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC7813
Description  70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 20Page - Analog Devices LTC7813 Datasheet HTML 21Page - Analog Devices LTC7813 Datasheet HTML 22Page - Analog Devices LTC7813 Datasheet HTML 23Page - Analog Devices LTC7813 Datasheet HTML 24Page - Analog Devices LTC7813 Datasheet HTML 25Page - Analog Devices LTC7813 Datasheet HTML 26Page - Analog Devices LTC7813 Datasheet HTML 27Page - Analog Devices LTC7813 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
LTC7878
26
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 10. 12VOUT/8A Two-Phase Parallel Buck-Boost Converter with Different Inputs for Redundancy Design
BOOST1
BOOST2
BOOST1
BOOST2
BOOST3
BOOST4
BOOST3
BOOST4
M4
M3
M2
M1
R1
110k
7.32k
47nF
10k
R2
10k
10nF
100k
100pF
47nF
20k
M8
M7
M6
M5
7.32k
47nF
10k
10nF
100k
100pF
47nF
20k
DBST1
DBST2
DBST3
DBST4
1
4.7µF
1
1
4.7µF
R3
110k
R4
10k
4.7µF
1
4.7µF
TG2
BG2
BG1
TG1
BOOST1
BOOST2
SW1
SW2
ISNSP
ISNSN
ISNSD
CSP
CSN
VFB
RUN
DRVCC
EXTVCC
SS
VOUT
SYNC
CLKOUT
MODE/ILIM
SGND
PGND
ITH
FREQ
PHASMD
VIN
LTC7878
INTVCC
ITHB
TG2
BG2
BG1
TG1
BOOST1
BOOST2
SW1
SW2
ISNSP
ISNSN
ISNSD
CSP
CSN
VFB
RUN
DRVCC
EXTVCC
SS
V OUT
SYNC
CLKOUT
MODE/ILIM
SGND
PGND
ITH
FREQ
PHASMD
VIN
LTC7878
7878 F10a
ITHB
VOUT
RUN1
(CONTROL LOGIC)
RUN2
(CONTROL LOGIC)
CBST2
1µF
CINTVCC1
4.7µF
L1
4.2µH, 3m
CDRVCC1
4.7µF
COUT2
56µF
×4
VOUT
12V
8A
COUT1
22µF
×8
CBST1
1µF
CIN
22µF
×4
VIN1
8V TO 42V
CSS
0.022µF
CIN1
22µF
×4
CBST4
1µF
CBST3
1µF
L2
4.2µH, 3m
COUT4
56µF
×4
COUT3
22µF
×8
CSS2
0.022µF
CINTVCC2
4.7µF
CDRVCC2
4.7µF
L1, L2: WURTH 7443630420
M1, M2, M5, M6: INFINEON BSC034N06NS3G
M3, M4, M7, M8: INFINEON BSC014NE2LSI
PINS NOT USED IN THIS CIRCUIT:
SETCUR, PGOOD
VIN2
8V TO 42V
INTVCC
SETCUR
PGOOD
SETCUR
PGOOD
VIN1 = 9V
VIN2 = 15V
IOUT = 4A
5ms/DIV
VOUT (AC)
1V/DIV
RUN2
5V/DIV
IL1
5A/DIV
IL2
5A/DIV
7878 F10b
ZOOM IN OF INDUCTOR PEAK
CURRENT SHARING
VIN1 = 9V
VIN2 = 15V
IOUT = 4A
5µs/DIV
VOUT (AC)
1V/DIV
RUN2
5V/DIV
IL1
5A/DIV
IL2
5A/DIV
7878 F10c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com