Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 28 Page - Analog Devices

Part # LTC7813
Description  70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 20Page - Analog Devices LTC7813 Datasheet HTML 21Page - Analog Devices LTC7813 Datasheet HTML 22Page - Analog Devices LTC7813 Datasheet HTML 23Page - Analog Devices LTC7813 Datasheet HTML 24Page - Analog Devices LTC7813 Datasheet HTML 25Page - Analog Devices LTC7813 Datasheet HTML 26Page - Analog Devices LTC7813 Datasheet HTML 27Page - Analog Devices LTC7813 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC7878
28
Rev. 0
For more information www.analog.com
 ANALOG DEVICES, INC. 2022
12/22
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LTC3789
38V VIN and VOUT High Efficiency, Synchronous, 4-Switch
Buck-Boost Controller
4V ≤ VIN ≤ 38V, 0.8V ≤ VOUT ≤ 38V, Up to 99%, Current Mode Control
LTC3779
150V VIN and VOUT Synchronous 4-Switch Buck-Boost
Controller
4.5V ≤ VIN ≤ 150V, 1.2V ≤ VOUT ≤ 150V, Up to 99% Efficiency Drives Logic
Level or STD Threshold MOSFETs, TSSOP-38
LTC3777
150V VIN and Vout Synchronous 4-Switch Buck-Boost
Controller plus Switching Bias Supply
4.5V ≤ VIN ≤ 150V, 1.2V ≤ VOUT ≤ 150V, Up to 99% Efficiency Drives Logic
Level or STD Threshold MOSFETs, TSSOP-38
LT®8705A
80V Synchronous 4-Switch Buck-Boost DC/DC Controller
2.8V ≤ VIN ≤ 80V, Input and Output Current Monitor, 5mm × 7mm QFN-38
and TSSOP-38
LT8708
80V Bidirectional Synchronous 4-Switch Buck-Boost DC/DC
Controller
2.8V (Need EXTVCC > 6.4V) ≤ VIN ≤ 80V, 1.3V ≤ VOUT ≤ 80V, 5mm × 8mm
QFN-40.
LTM®8056
58V Buck-Boost μModule Regulator, Adjustable Input and
Output Current Limiting
5V ≤ VIN ≤ 58V, 1.2V ≤ VOUT ≤ 48V, 15mm × 15mm × 4.92mm BGA
Package
LT8392
60V Synchronous 4-Switch Buck-Boost Controller with
Spread Spectrum
3V ≤ VIN ≤ 60V, 1.2V ≤ VOUT ≤ 60V, IQ = 2uA, 4mm × 5mm QFN-28 and
TSSOP-28
LTC7813
60V Low IQ Synchronous Boost plus Buck Controller, Low
EMI and Low Input/Output Ripple
4.5V (Down to 2.2V after Start-Up) ≤ VIN ≤ 60V, Boost VOUT Up to 60V,
0.8V ≤ Buck VOUT ≤ 60V, IQ = 29µA, 5mm × 5mm QFN-32
9V to 36V Input, 12V Output Buck-Boost Converter with 10A Output Current Limit
BOOST1
BOOST2
BOOST1
BOOST2
M4
M3
M2
M1
CIN
22µF
COUT1
22µF ×8
COUT2
220µF
R1
110k
RC
20k
CC
47nF
10k
CBST1
0.1µF
CBST2
0.1µF
10µF
R2
10k
CINTVCC
4.7µF
DBST1
DBST2
L
4.7µ, 5m
CSS
0.01µF
10nF
100k
CDRVCC
4.7µF
RSENSE
5m
2.2µF
100
100
100pF
100k
20k
TG2
BG2
BG1
TG1
9V TO 36V
VOUT
12V
BOOST1
BOOST2
SW1
SW2
ISNSP
ISNSN
ISNSD
CSP
CSN
VIN
VFB
RUN
DRVCC
EXTVCC
SS
VOUT
SYNC
CLKOUT
MODE/ILIM
SGND
PGND
ITH
FREQ
PHASMD
PGOOD
VIN
LTC7878
INTVCC
SETCUR
ITHB
7878 TA02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com