Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC7813
Description  70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7813 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC7813 Datasheet HTML 13Page - Analog Devices LTC7813 Datasheet HTML 14Page - Analog Devices LTC7813 Datasheet HTML 15Page - Analog Devices LTC7813 Datasheet HTML 16Page - Analog Devices LTC7813 Datasheet HTML 17Page - Analog Devices LTC7813 Datasheet HTML 18Page - Analog Devices LTC7813 Datasheet HTML 19Page - Analog Devices LTC7813 Datasheet HTML 20Page - Analog Devices LTC7813 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTC7878
17
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
DC resistance as possible to reduce the I2R losses and
must be able to handle the peak inductor current without
saturating. To minimize radiated noise, use a toroid, pot
core or shielded bobbin inductor.
Set Output Voltage
The LTC7878 output voltage is set by an external feed-
back resistive divider carefully placed across the output
capacitor. The resultant feedback signal is compared with
the internal precision 1.0V voltage reference by the error
amplifier. The output voltage is given by the equation:
VOUT = 1.0V • 1 +
R2
R1
⎛
⎝⎜
⎞
⎠⎟
where R2 is connected to VOUT and R1 is connected
to SGND.
Program Average Input/Output Current Limit
As shown in Figure 6 and Figure 7, input/output average
current sense resistor RSENSE should be placed between
the bulk capacitor for VIN/VOUT and the decoupling capaci-
tor. A lowpass filter formed by RF and CF is recommended
to reduce the switching noise and stabilize the current
loop. Due to the same current on the SCP/CSN pins, the
filter resistors RF on CSP and CSN must be the same
value. With the typical 100Ω resistors shown here, the
value of capacitor CF should be 1μF to 2.2μF to filter the
pulsed input/output current at the switching frequency.
The current loop’s transfer function should approximate
that of the voltage loop. Crossover frequency should
be one-tenth the switching frequency, and gain should
decrease by 20dB/decade. Similar current and voltage
loop transfer functions will ensure overall system stability.
RSENSE
CF
RF
100Ω
FROM
CONTROLLER
VOUT
TO SYSTEM
VOUT
CSN
CSP
LTC7878
7878 F06
RF
100Ω
Figure 6. Programming Average Output Current Limit
RSENSE
CF
RF
100Ω
FROM DC
POWER INPUT
TO DRAIN
OF SWITCH A
CSN
CSP
LTC7878
7878 F07
RF
100Ω
Figure 7. Programming Average Input Current Limit
The input/output current limit is set by the SETCUR pin
linearly for 0.2V to 1.2V. The SETCUR pin voltage is inter-
nally clamped to 1.2V if SETCUR pin voltage is higher
than 1.2V. The sensed voltage between CSP and CSN is
amplified 20 times internally and plus 200mV offset to
compare with the voltage on the SETCUR pin. When the
sensed voltage is higher than the SETCUR voltage, the
ITH/ITHB pin voltage is pulled low to decrease the induc-
tor current and maintain the current loop regulation. Since
the SETCUR pin voltage is internally clamped to 1.2V, the
maximum sensed voltage between SCP and CSN is limited
to (1.2V – 0.2V)/20 = 50mV.
If input/output average current limit is not desired, the
CSP and CSN pins should be shorted together and tied
to SGND, and the SETCUR pin should be tied to INTVCC
or float.
CIN/COUT Selection
In the boost region, input current is continuous. In the
buck region, input current is discontinuous. In the buck
region, the selection of input capacitor CIN is driven by
the need to filter the input square wave current. Use a low
ESR capacitor sized to handle the maximum RMS current.
For buck operation, the input RMS current is given by:
IRMS ≈IOUT(MAX) OUT •
VOUT
VIN
•
VIN
VOUT
− 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com