Electronic Components Datasheet Search
  English  ▼

X  

R2000 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 13Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 14Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 15Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 16Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 17Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 18Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 19Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 20Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
17
5.1.2 Local Oscillator Input
You may source the receiver local oscillator internally or externally as shown in Figure 4-1. If you do not use an
external receiver local oscillator, the DC blocking capacitors, inductor, and balun are not required.
For proper self-jammer cancellation, the local oscillator input power level must exceed the maximum self-jammer
level that requires cancellation. For more detail see section 5.3.
5.1.3 PLL Loop Filter
Figure 4-2 illustrates the recommended component values for the PLL loop filter.
Figure 4-2: PLL Loop Filter
5.1.4 Receive RF Interface
The Indy R2000 reader chip has differential RF and local oscillator ports to alleviate interference on the package
bond-wires coming from the digital section of the chip.
The Indy R2000 receiver mixer also supports a high gain and a low gain mode with differing compression points. In
order to switch between these modes, it is necessary to both correctly program the ANA_CTRL1 register as well as
bias the output of the mixer to +3.3 V through 400 ohm resistors. You may switch these bias resistors in for low gain
mode and out for high gain mode. Ensure that when switched out, the bias resistors do not create an unintended
current summing node.
5.1.5 Self-Jammer Cancellation Block
The idea behind self-jammer cancellation is to tap a signal from somewhere along the transmit path and use it as a
reference for suppressing the corresponding part of the received signal in the RF low noise amplifier. By doing so,
both the self-jammer carrier and transmit amplitude and phase noise are simultaneously suppressed. By tapping the
reference transmit signal after the external power amplifier, all transmit noise sources may be managed. As shown in
the block diagram in Figure 4-3, the reference signal is shared with the receive mixer local oscillator input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com