Electronic Components Datasheet Search
  English  ▼

X  

R2000 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 22Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 23Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 24Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 25Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 26Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 27Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 28Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 29Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
26
5.5
Transmitter Modes
The Indy R2000 reader chip can operate in one of three transmitter modes, based on the power requirements and
the modulation scheme used. This section describes these modes.
5.5.1 Linear Mode
This is the default mode of operation. The R2000 Development Kit operates in this mode. The internal power
amplifier is biased class A (linear mode) for all transmit modulations.
5.5.2 Full Power Non-linear Mode (DSB-ASK)
To transmit the maximum allowable power of up to +30 dBm at the antenna, you must use an external PA. To
improve the power efficiency of the system, the chip uses a Class-C polar modulation approach. In CW mode, the
PA_out signal in the Indy R2000 drives the gate of the PA transistor into Class-C operation. A PA modulation DAC
amplitude modulates the drain of the PA transistor. Discrete devices are used to interface between the two different
voltage domains (see Figure 4-12). DSB-ASK is the only modulation supported in this mode.
Figure 4-12: Indy R2000 Reader Chip Transmit with External PA (DSB ASK)
PA
transistor
modulation
transistor
to antenna
PA_bias
PA_out
PA_modulation
From
Indy R2000
Voltage
Converter
Voltage
Converter
5.5.3 Low Power Non-linear Mode (DSB-ASK)
The power control for this mode is similar to the full power mode, except that no external PA is used. Instead, an on-
chip PA with lower output power is used. DSB-ASK is the only mode available in this configuration.
6
Frequency generation
6.1
Internal synthesizer
Figure 6-1 shows the VCO tuning curves.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com