Electronic Components Datasheet Search
  English  ▼

X  

R2000 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 10Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 11Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 12Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 13Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 14Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 15Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 16Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 17Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
14
Table 12: Indy R2000 Reader Chip External LO Input
Parameter
Min.
Typ.
Max.
Unit
Conditions
Input impedance
50
Ω
Input frequency
860
960
MHz
Input power level
-20
10
12
dBm
With SJC
Supply voltage
3.3
V
Vdd_tx_rf
Table 13: Indy R2000 Reader Chip Envelope Detectors
Parameter
Min.
Typ.
Max.
Unit
Conditions
Forward power detection
-10
+13
dBm
At LO input
Reverse power detection
-10
+13
dBm
At detector input
Wideband listen before
talk
-10
+13
dBm
At RX input
Table 14: Indy R2000 Reader Chip Synthesizer
Parameter
Min.
Typ.
Max.
Unit
Conditions
Frequency Range
860
960
MHz
Frequency Grid
25
100
250
125
kHz
kHz
kHz
kHz
Europe (ETSI 300
220)
Europe (ETSI 302
208)
US (FCC)
China
Reference Input
Frequency
24
MHz
TCXO Specification
Reference Frequency
Tolerance
10
ppm
TCXO Specification
Reference Input Level
0.8
Vp
Reference Duty Cycle
40
60
%
PLL settling time within
1% of frequency step
140
470
µs
100 KHz grid,
recommended PLL
loop filter
configuration
TX Phase Noise
-124
dBc/Hz
Δf = 250 kHz
Broadband Noise
-144
dBc/Hz
Δf = 3.6MHz
TX In-band spurious
emissions
-69
dBc
RBW = 3 kHz,
average detector
TX Out-of-band spurious
emissions measured with
balun
-54
-42
dBm
dBm
Below 1 GHz
(ETSI)
RBW = 120 kHz,
peak detector
Above 960 MHz
(FCC)
RBW = 1 MHz,
average detector
RX Spurious emissions
-57
-47
dBm
dBm
Measured with
balun (and BPF)
30 MHz to 1 GHz
1 to 12.75 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com