Electronic Components Datasheet Search
  English  ▼

X  

R2000 Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 51Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 52Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 53Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 54Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 55Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 56Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 57Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 58Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
55
Addr.
Name
R/W
Bit
Description
Reset
Type
Comment
300
RX_FIR_IIR_A
R/W
13:8
7:4
3:2
1
0
Number of bits to hold IIR
Selection RX FIR filter length
Not used
Enable RX IIR filter
Enable RX FIR filter
h0000
Selection RX FIR filter
length:
0 = 36 taps
1 = 42 taps
2 = 48 taps
3 = 54 taps
4 = 60 taps
5 = 66 taps
6 = 72 taps
7 = 78 taps
8 = 84 taps
The IIR filter output is set
to zero whenever the filter
is disabled.
301-
32A
CF_COEFF_A
R/W
14:0
RX FIR filter coefficients
h0000
s0.14
Coefficients for the receive
FIR channel filter.
The coefficients are
symmetric, i.e. c0=c83.
42 registers, h222
specifies c0.
For filters shorter than 84
taps, only the coefficients
used (c0 to c#taps-1) need to
be specified.
32B
COEFF_A1_A
R/W
15:0
Bit 15:0 of IIR coefficient a1
h0000
s1.15
Denominator coefficient.
32C
COEFF_A2_A
R/W
15:0
Bit 15:0 of IIR coefficient a2
h0000
Denominator coefficient.
32D
COEFF_S1_A
R/W
15:0
Bit 15:0 of IIR coefficient s1
h0000
32E
COEFF_A1_A2_
S1_A
R/W
2
1
0
Bit 16 of IIR scale factor s1
Bit 16 of IIR coefficient a2
Bit 16 of IIR coefficient a1
h0000
330
RX_FIR_IIR_B
R/W
13:8
7:4
3:2
1
0
Number of bits to hold IIR
Selection RX FIR filter length
Not used
Enable RX IIR filter
Enable RX FIR filter
h0000
Selection RX FIR filter
length:
0 = 36 taps
1 = 42 taps
2 = 48 taps
3 = 54 taps
4 = 60 taps
5 = 66 taps
6 = 72 taps
7 = 78 taps
8 = 84 taps
The IIR filter output is set
to zero whenever the filter
is disabled.
331-
35A
CF_COEFF_B
R/W
14:0
RX FIR filter coefficients
h0000
s0.14
Coefficients for the receive
FIR channel filter.
The coefficients are
symmetric, i.e. c0=c83.
42 registers, h222
specifies c0.
For filters shorter than 84
taps, only the coefficients
used (c0 to c#taps-1) need to
be specified.
35B
COEFF_A1_B
R/W
15:0
Bit 15:0 of IIR coefficient a1
h0000
s1.15
Denominator coefficient.
35C
COEFF_A2_B
R/W
15:0
Bit 15:0 of IIR coefficient a2
h0000
Denominator coefficient.
35D
COEFF_S1_B
R/W
15:0
Bit 15:0 of IIR coefficient s1
h0000
35E
COEFF_A1_A2_
S1_B
R/W
2
1
0
Bit 16 of IIR scale factor s1
Bit 16 of IIR coefficient a2
Bit 16 of IIR coefficient a1
h0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com