| Electronic Components Datasheet Search |
|
R2000 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
R2000 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers |
|
5 / 75 page ![]() Indy® R2000 Electrical, Mechanical, & Thermal Specification Revision 2.0, Copyright © 2015, Impinj, Inc. 5 2 Introduction The Impinj® Indy® R2000 UHF Gen 2 RFID reader chip is a highly integrated, high-performance, low power, SiGe BiCMOS device for EPC Gen2 / ISO18000-63 (formerly 18000-6C) applications. The Indy R2000 can also be programmed to support ISO18000-6B, iPico and iP-X protocols; however, the current reference design does not support these protocols. The Indy R2000 reader chip supports a zero intermediate frequency (ZIF) architecture in the worldwide UHF industrial, science, and medical (ISM) band. The Indy R2000 reader chip contains all of the RF and baseband blocks to interrogate and receive data from compatible RFID tags, specifically: Industry leading modem architecture uses modern digital signal processing which ensures high read reliability Exclusive Self-jammer Cancellation Technology ensures read reliability even with high antenna reflections Fully integrated voltage controlled oscillator (VCO) with world wide RFID coverage Integrated Power Amplifier (PA) High compression point quadrature downconverting mixer Integrated RF envelope detectors for forward and reverse power sense Integrated multipurpose Analog-to-Digital Converters (ADCs) and Digital-to-Analog Converters (DACs) Configurable digital baseband High speed synchronous serial bus or 4-bit parallel bus control When used in the Indy R2000 Development Platform, which includes an example protocol processor and radio control implementation, the result is a fully functional UHF Gen 2 RFID reader with market leading performance. 2.1 Terminology Table 1: Relevant Terminology Term Definition ADC Analog-to-Digital Converter AGC Automatic Gain Control AM Amplitude Modulation ASK Amplitude Shift Keying AUX Auxiliary BPF BandPass Filter Class 0 Tags and readers conforming to MIT Auto-ID Center, Class 0 RFID Tag Protocol Specification CORDIC CO-ordinate Rotation DIgital Computer CW Continuous Wave DAC Digital-to-Analog Converter DFT Discrete Fourier Transform DRM Dense Reader Mode DSB Double Sideband EOT End of Transfer EPC Electronic Product Council FCC Federal Communications Commission (US Regulatory Body) FIFO First In, First Out |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |