Electronic Components Datasheet Search
  English  ▼

X  

R2000 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 10Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 11Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
8
Figure 2-1: Indy R2000 Reader Chip Top Level RF Block Diagram
PLL
Digital
Core
1 bit
DAC
×2
Aux
ADC
DAC
Aux
DAC1
1 bit
DAC
DAC
Aux
DAC0
ΣΔ
ADC
ΣΔ
ADC
48 MHz
TCXO
24 MHz
I
Supply
mod.
÷ 2
Q
Ext. LO
÷ 2
48 MHz
48 MHz
TX
1 pole
2 poles
2 poles
PA
LO
0/90
RX
+
-
+
-
0/90
LNA
RF det.
to ADC
to ADC
to ADC
Aux ADC0
to ADC
Aux ADC1
to ADC
Aux ADC2
to ADC
RF detector
RX input
LO input
Aux ADC0
Aux ADC1
Aux ADC2
Figure 2-2: Indy R2000 Reader Chip Schematic Page in R2000 Development Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com