Electronic Components Datasheet Search
  English  ▼

X  

R2000 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 25Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 26Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 27Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 28Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 29Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 30Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 31Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 32Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
29
Figure 6-3: PLL Settling Time
7
Device Control and Programming
The Indy R2000 reader chip provides a high speed synchronous serial interface for programming the control settings
and RFID protocol.
The interface to the microcontroller supports two different communication types:
Low speed parallel interface (20 Mbps)
High speed serial interface (150 Mbps downstream
—to chip, and 450 Mbps upstream—from chip)
Both interfaces use the same pins and are configured through the following strapping options.
Note: The parallel interface is no longer supported for new designs. The high speed serial interface is recommended
for all applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com