Electronic Components Datasheet Search
  English  ▼

X  

R2000 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 21Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 22Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 23Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 24Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 25Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 26Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 27Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 28Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
25
Figure 4-11: Detailed TX to LO (Self Jammer Cancellation) Path Block Diagram
11 dB pad
1 dBm
31 dBm
21 dBm
10 dBm
-11 dB
-10 dB
+30 dB
PA
Indy Reader Chip
TX
LO
PA
Self Jammer Path
LO Path
RX
Balun and
matching
+
-
+
-
+
-
0/90
10 dB
coupler
Balun and
matching
Balun and
matching
6 dB SAW
filter/Pad
7 dBm
-6 dB
KEY:
5.4
RF Power Detection
There are power detectors at the input of the LO_in, Rx_in, and Detector signals in the Indy R2000. In the single
antenna configuration (see Figure 4-7), the power detector at the LO_in signal performs the forward power detection
function, and the power detector at the Rx_in signal is for the reverse power detection. The power detector at the
Rx_in signal can also be used to implement a rough wideband LBT function with the transmitter turned off. A small
RF amplifier may be switched on to slightly improve the sensitivity of the LBT detector. The peak detectors at the
output of the IF amplifiers are connected to the auxiliary (AUX) ADC and can also be used to perform rough LBT.
In dual antenna configuration (see Figure 4-8), the power detector at the LO_in signal performs the forward power
detection function. The power detector at the detector signal measures the reverse power detection via a directional
coupler. The power detector at the Rx_in signal can be used to implement a rough wideband LBT function with the
transmitter turned off. A small RF amplifier may be switched on to slightly improve the sensitivity of the LBT detector.
There are three power detection functions provided in the Indy R2000 reader chip, listed below.
5.4.1 Forward power detection for transmit power calibration
The power is tapped after the PA using the same high impedance node used to generate the RX LO signal. This
power detection is part of the transmit power calibration as well as part of the PA regulator loop that controls the
voltage supply for the PA.
5.4.2 Reverse power detection for measuring antenna reflection
If the controller detects a severe mismatch, the controller shuts down the transmit PA to avoid damage.
5.4.3 Rough wideband LBT
High power (~ -30 dBm) activity is detected in the complete receive band, as defined by the external band select
filter, and in the IF band following the down-conversion mixers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com