Electronic Components Datasheet Search
  English  ▼

X  

R2000 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 41Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 42Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 43Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 44Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 45Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 46Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 47Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 48Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
45
Addr.
Name
R/W
Bit
Description
Reset
Type
Comment
136
IF_FILT_RESET_
CNT
R/W
15:0
IF filter peak detector reset
interval
h0000
The number of 3 MHz
clock cycles between the
reset pulses to the IF filter
peak detector.
140
AUX_ADC_START
R
4
3:0
Start signal from FSM
AUX ADC mux selection
from FSM
h0000
141
AUX_ADC_START
R/W
5
4
3:0
Enable manual start
Manual start
AUX ADC mux selection
h0000
For starting an AUX ADC
measurement manually.
The start bit is self-
clearing.
142
AUX_ADC_DATA
R
7:0
AUX ADC Data
h0000
Data from the AUX ADC.
150
SJC_TIME
R/W
15:8
7:5
4:0
Settling time
Not used
Measurement time
h1010
u8.0
u5.0
Specified in 3 MHz clock
cycles.
151
SJC_ORIGIN
R/W
12:8
7:5
4:0
Origin of Q scaling
Not used
Origin of I scaling
h0000
s4.0
s4.0
Center of scan matrix.
152
SJC_CONTROL
R/W
11:8
7
6:4
3
2
1
0
Scan size
Not used
Step size
Enable rx_start automatically
Use current settings as origin
Reduce gain
Trigger scan
h0110
u4.0
u3.0
Scan size: number of
evaluation points around
the origin. Set to one to get
a 3x3 matrix. Not possible
to program it to 0.
Step size: when set to one
the finest grid is used;
larger settings result in a
coarser grid. Not possible
to program it to 0.
Instead of taking the origin
from register h151 the
current setting (reg h154)
can be used as origin if bit
2 is set.
When the reduce gain bit
is set the RX data path
gain is automatically
temporarily switched to the
SJC gain settings
(register 0x451 as
opposed to the normal
gain settings defined by
register 0x450).
The trigger bit is self-
clearing.
153
SJC_BIAS_
OFFSET
R/W
7:4
3:0
Q bias offset
I bias offset
h0000
s3.0
s3.0
Offset applied to SJC
current bias.
154
SJC_SCALING_
OUT
R
12:8
7:5
4:0
Q scaling
Not used
I scaling
s4.0
s4.0
Returned scaling values.
155
SJC_SCALING_
VAL
R
15:12
11:8
7:4
3:0
Qp scaling
Qn scaling
Ip scaling
In scaling
u4.0
u4.0
u4.0
u4.0
Returned scaling values in
analog notation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com