Electronic Components Datasheet Search
  English  ▼

X  

R2000 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 10Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 11Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 12Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 13Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
10
Pin #
Pin Name
Type
Description
34
35
36
37
DA0
DA1
DA2
DA3
Digital Bi
Bidirectional data interface
38
ALE
Digital In
Address Latch Enable
39
CSn
Digital In
Chip select, active low
30
RDn
Digital Bi
Read strobe, active low
41
WRn
Digital In
Write strobe, active low
42
IRQn
Digital Bi
Interrupt, active low
43
Dtest0
Digital Bi
Digital test bus
44
Dtest1
Digital Bi
Digital test bus
45
TCXO_e
Digital In
TCXO supply switch enable, active high
46
Vdd_TCXO
Power
3.3 V supply input for TCXO supply switch
47
TCXO_supply
Output
3.3 V output from TCXO supply switch
48
Vdd_clkref
Power
1.8 V supply for clock reference input buffer
49
TCXO
Clock In
Reference clock from a 24 MHz AC coupled input
50
Vdd_pll
Power
3.3 V supply for phase locked loop
51
52
Amp_Qp
Amp_Qn
Analog In
Q post-mixer amplifier input
53
54
Mix_Qn
Mix_Qp
Analog Out
Q Mixer output
55
56
PLL_fil0
PLL_fil1
Analog
Nodes for external PLL filter
57
Vdd_vco
Power
3.3 V supply for voltage controlled oscillator (VCO)
58
59
Amp_Ip
Amp_In
Analog In
I post-mixer amplifier input
60
61
Mix_In
Mix_Ip
Analog Out
I Mixer output
62
Vdd_rx_ana
Power
3.3V supply for receive analog
63
64
DRM_Qp
DRM_Qn
Analog Out
Mixer external DRM load, Q
Paddle
GND
GND
Single Chip Ground
4
Electrical Specifications
4.1
Absolute Maximum Ratings
The absolute maximum ratings in Table 6 define limitations for electrical and thermal stresses. These limits prevent
permanent damage to the Indy R2000 reader chip.
Caution: Operation outside these maximum ratings might result in permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com