Electronic Components Datasheet Search
  English  ▼

X  

R2000 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 36Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 37Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 38Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 39Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 40Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 41Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 42Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 43Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
40
Addr.
Name
R/W
Bit
Description
Reset
Type
Comment
105
T2R
R
15:0
15:12
11
10:8
7:0
Address for the T2R FIFO
Not Used
Data valid
Number of valid bits
Received data
h0000
Behavior depends on if a
write(W) or read(R) is
being performed. If being
read, the T2R
behavior(this row) is used.
If being written, the R2T
behavior (next row) is
used.
This register is auto-
readable.
Receive FIFO, 16 words
deep.
In the number of valid bits,
0 means full byte, 1 means
1 bit, etc.
R2T
Data Command
Non-data command
End of transfer cmd
Measurement cmd
W
W
W
W
15:12
11:8
7:4
3:0
15:11
10:9
8:6
5:2
1:0
15:4
3
2:0
15:10
9
8
7:4
3
2:0
Argument (arg2)
Argument (arg1)
Argument (arg0)
Command selection (cmd)
Number of loops
Lines to loop
Lines to execute
Start line
Command selection
RX delay
Enable digital RX
Command selection
RSSI delay
Enable digital RX
Enable RSSI
AUX ADC select
Not used
Command selection
h0000
Transmit FIFO, 16 words
deep.
The command selection
sets the data command to
be performed:
cmd = b0000: Data-0
cmd = b0010: Data-1
cmd = b1000: Default
symbol
cmd = b1100: Byte or N-
bits stored in arg 1 and
arg0. arg2 determines the
number of determines bits
to send, where 0 = 8 bits.
cmd = b1110: Send
random sequence.
Specified in 32-bit packets
in arg2-arg0, zero = 4096
packets and one = 1
packet.
The command selection
shall be set to b01.
For lines to execute and
lines to loop a zero value
means execute/loop one
line.
The start line is the offset
in the microcode, starting
in register h080.
The command selection
shall be set to b011.
RX delay is the delay (in
24 MHz clock cycles) to
wait after the EOT
command is read from the
FIFO before enabling the
digital part of the receiver.
The command selection
shall be set to b111.
The AUX ADC select is
the channel for the ADC to
measure. Turning on the
RSSI and the digital part of
the receiver is optional.
The RSSI measurement
can be offset from the
receiver start by specifying
the RSSI delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com