Electronic Components Datasheet Search
  English  ▼

X  

R2000 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 32Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 33Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 34Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 35Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 36Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 37Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 38Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 39Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
36
Addr.
Name
R/W
Bit
Description
Reset
Type
Comment
0c0
TX_ENABLE
R/W
12
11
10
9
8
7:6
5:4
3:2
1
0
IQ correction Enable
Bypass of Hilbert filter
Hilbert filter order select
Not used
Not used
IQ input select
TX mode (Q)
TX mode (I)
SSB Enable
Not used
h0000
Setup register for the TX
data path.
If IQ correction is enabled
the latency of the data
path is increased by one
TX clock cycle.
The Hilbert filter can be
switched between two
orders:
1
= 10th order
0
= 22nd order
The IQ correction input
select can be set to the
following values:
11, 10 = Control output
01 = Bypass interpolation
filter
00 = Enable interpolation
filter
TX mode can be set to the
following values:
11 = Use predistortion
10 = Use output of power
scaler
01 = Use Hilbert
transformer
00 = Use Hilbert
transformer and
CORDIC.
0c1
TX_COEFF1
R/W
11:0
Hilbert coefficient 1
h0009
s1.10
Used for 22nd order only,
must be set to zero for the
10th order filter.
0c2
TX_COEFF3
R/W
11:0
Hilbert coefficient 3
h0017
s1.10
Used for 22nd order only,
must be set to zero for the
10th order filter.
0c3
TX_COEFF5
R/W
11:0
Hilbert coefficient 5
h0031
s1.10
Used for 22nd order only,
must be set to zero for the
10th order filter.
0c4
TX_COEFF7
R/W
11:0
Hilbert coefficient 7
h005f
s1.10
0c5
TX_COEFF9
R/W
11:0
Hilbert coefficient 9
h00c2
s1.10
0c6
TX_COEFF11
R/W
11:0
Hilbert coefficient 11
h0284
s1.10
0c7
TX_FREQ1
R/W
2:0
CORDIC offset
h0000
u1.18
Frequency offset value, bit
18:16. Specified as a
fraction of 2π radians per
TX clock cycle.
0c8
TX_FREQ2
R/W
15:0
CORDIC offset
h0000
Frequency offset value, bit
15:0. Specified as a
fraction of 2π radians per
TX clock cycle.
0c9
GEN_RATE
R/W
9:0
TX clock cycle duration
h0078
Specifies the TX clock
cycle in 48 MHz clock
cycles.
0ca
TX_TO
R/W
15:0
Final ramp-down, hold time
h0000
Time to wait after the final
ramp-down before the PA
is disabled. Specified in
48 MHz clock cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com