Electronic Components Datasheet Search
  English  ▼

X  

R2000 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 14Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 15Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 16Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 17Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 18Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 19Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 20Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 21Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
18
Figure 4-3: Self-Jammer Cancellation Architecture
PA
Indy Reader Chip
TX
LO
PA
RX
0/90
Coupler
Self-Jammer reference
Self-Jammer signal
Ensure that the power level of the reference signal is equal to the largest self-jammer power level that you intend to
cancel. From the real RF reference signal, a new complex reference signal is created using a very low noise,
passive, 90-degree poly-phase filter. The output of the filter consists of four signals: +I, -I, +Q, and
–Q. By adjusting
the I and Q scaling, it is possible to let the cancellation signal achieve the same amplitude as the received self-
jammer, but with a 180 degree phase shift.
In principle, the cancellation signal has the same amplitude and phase noise as the self-jammer. If the time delay
between the reference transmit signal and the received self-jammer is small, it is possible to cancel not only the self-
jammer carrier but also its noise by adding the cancellation signal to the received signal. The RF low noise amplifier
performs this cancellation by adding currents. The noise added by all the blocks in the self-jammer cancellation path
must be smaller than the targeted self-jammer noise after cancellation. For noise minimization purposes, capacitive
coupling scales the reference signal. Switched binary weight capacitors determine the amount of capacitive
coupling. This method has the side effect that the scaling of the reference signal becomes quantized in amplitude.
Figure 4-4 shows the ratio between the output and input for all possible signals. The circular areas illustrate complex
constellation diagrams representing all possible signals relative to the full scale reference signal. The color shows
the theoretical output after self-jammer cancellation relative to full scale for all possible self-jammer signals. When
the received self-jammer has a phase and amplitude that matches one of the possible cancellation signals, the
suppression is very good (shown in blue). When the received self-jammer falls between possible cancellation
signals, the suppression is not as good (shown in red). With two bits per axis (i.e., four levels per axis ranging from
zero to full scale), the worst case suppression is almost 13 dB. With four bits per axis, the worst case suppression is
theoretically more than 26 dB. Indy R2000 implements four bits per axis, because with 26 dB suppression, other
factors will start to dominate the actual noise suppression.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com