Electronic Components Datasheet Search
  English  ▼

X  

R2000 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 15Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 16Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 17Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 18Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 19Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 20Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 21Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 22Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
19
Figure 4-4: Theoretical Output After Self-jammer Cancellation Relative to Full Scale.
Minimizing the I and Q scaling factors optimizes the DC of the received signal. The normal receiver data path will be
used and the control block taps the DC information after the digital channel filter. In order to maintain the DC
information through the data path, the external AC-coupling capacitors must be temporarily bypassed. When the AC-
coupling is bypassed, a 50 kΩ resistor is added at the intermediate frequency low noise amplifier (IF-LNA) input to
improve the differential and common mode voltage handling of the IF-LNA. The external LC mixer is also
disconnected in SJC calibration mode. The Indy R2000 state machine handles the disconnection of the AC coupling
and the mixer load and the connection of the resistor at the IF-LNA input for SJC.
One complication of controlling the cancellation is that the relative orientation of the coordinate systems is not
accurately known. If, for instance, the scaling of the +I signal is changed, this could result in a DC change in both the
receiver I and Q signals. Another complication that must be handled by the calibration algorithm is that for strong
self-jammer levels, the receiver will compress unless the cancellation provides at least 10 dB of self-jammer
suppression. The calibration procedure can be split into three different modes (see also Figure 4-5):
Hold mode: current I and Q scaling values are held.
Full scan mode: a coarse grid of settings are evaluated.
Matrix scan mode: evaluate all 3x3 settings centered on the current setting.
The actual implementation is coded in a generic fashion so that the full scan mode and the matrix scan mode simply
are two configurations of one general mode.
Because the DC signal caused by the self-jammer corresponds to a strong signal even after successful cancellation,
it is important that the receiver data path gain is set low. Therefore all the receiver gain settings have been collected
into two registers. During normal receiver operation, the gain settings are taken from ANA_RX_GAIN_NORM
(register
0x450).
During
self-jammer
cancellation
scan,
the
gain
is
instead
temporarily
defined
by
ANA_RX_GAIN_SJC (register 0x451),
if the “reduce gain” bit is set (register 0x152).
The optimum SJC setting is found by minimizing the magnitude of the complex signal after the digital filter selection
multiplexer. In this way, the signal can either be filtered with the FIR or IIR channel filter, or not filtered at all by the
channel filter. This approach means that the time delay from when a setting is changed until the result can be
observed varies. To handle this variation, the settling time is programmable. The settling time is defined as the time
the controller waits after a change of the settings until the magnitude measurement is started. The measurement
time is also programmable to support tradeoff of measurement speed against accuracy. Both the settling time and
measurement time are set by register 0x150.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com