Electronic Components Datasheet Search
  English  ▼

X  

R2000 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 27Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 28Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 29Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 30Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 31Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 32Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 33Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 34Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
31
and the value is placed as a read request in the T2R FIFO. Figure 6-5 and Figure 6-6 show the timing parameters.
Table 20 specifies the timing requirements for the serial interface.
Figure 6-5: Serial Interface T2R Timing
T2R_CLK
Bit 1
Bit 0
Bit 31
T2R_FRM
T2R_D0
T
d
Figure 6-6: Serial Interface R2T Timing
T
s
Bit 0
x
Bit 1
x
Bit 31
x
R2T_CLK
R2T_FRM
R2T_Dn
T
h
Table 20: Serial Interface Timing Requirements
Symbol
Parameter
Min
Typical
Max
Units
Td
Data output delay
2.0
5.0
ns
Ts
Data setup time
1.0
ns
Th
Data hold time
2.0
ns
7.1.1 Parallel Interface
The parallel interface is four bits wide with multiplexing of the data and address. The registers are double buffered to
avoid mid-read updates. Figure 6-7 shows the read timing of the parallel interface, while Figure 6-8 shows the write
timing.
Figure 6-7: Parallel Interface Read Timing
Address
Data
CSn
ALE
DA[3:0]
RDn
t
As
t
Ah
t
Don
t
RDw
t
Doff
t
Woff
t
Won



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com