Electronic Components Datasheet Search
  English  ▼

X  

R2000 Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 52Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 53Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 54Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 55Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 56Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 57Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 58Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 59Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
56
Addr.
Name
R/W
Bit
Description
Reset
Type
Comment
360
DRATE_COEFF_
C95_80
R/W
15:0
DRE coefficients c95 to c80
h0000
u0.0
Coefficients for the data
rate estimation filter bank.
0 is mapped to -1
1 is mapped to +1
361
DRATE_COEFF_
C79_64
R/W
15:0
DRE coefficients c79 to c64
h0000
u0.0
362
DRATE_COEFF_
C63_48
R/W
15:0
DRE coefficients c63 to c48
h0000
u0.0
363
DRATE_COEFF_
C47_32
R/W
15:0
DRE coefficients c47 to c32
h0000
u0.0
364
DRATE_COEFF_
C31_16
R/W
15:0
DRE coefficients c31 to c16
h0000
u0.0
365
DRATE_COEFF_
C15_0
R/W
15:0
DRE coefficients c15 to c0
h0000
u0.0
370
PREAM_COEFF_
C95_88
R/W
15:14
13:12
11:10
9:8
7:6
5:4
3:2
1:0
Preamble coefficient c95
Preamble coefficient c94
Preamble coefficient c93
Preamble coefficient c92
Preamble coefficient c91
Preamble coefficient c90
Preamble coefficient c89
Preamble coefficient c88
h0000
s0.0
s0.0
s0.0
s0.0
s0.0
s0.0
s0.0
s0.0
Coefficients for the
preamble correlator.
371
PREAM_COEFF_
C87_80
R/W
15:0
Preamble coefficients c87 to
c80
h0000
372
PREAM_COEFF_
C79_72
R/W
15:0
Preamble coefficients c79 to
c72
h0000
373
PREAM_COEFF_
C71_64
R/W
15:0
Preamble coefficients c71 to
c64
h0000
374
PREAM_COEFF_
C63_56
R/W
15:0
Preamble coefficients c63 to
c56
h0000
375
PREAM_COEFF_
C55_48
R/W
15:0
Preamble coefficients c55 to
c48
h0000
376
PREAM_COEFF_
C47_40
R/W
15:0
Preamble coefficients c47 to
c40
h0000
377
PREAM_COEFF_
C39_32
R/W
15:0
Preamble coefficients c39 to
c32
h0000
378
PREAM_COEFF_
C31_24
R/W
15:0
Preamble coefficients c31 to
c24
h0000
379
PREAM_COEFF_
C23_16
R/W
15:0
Preamble coefficients c23 to
c16
h0000
37A
PREAM_COEFF_
C15_8
R/W
15:0
Preamble coefficients c15 to
c8
h0000
37B
PREAM_COEFF_
C7_0
R/W
15:14
13:12
11:10
9:8
7:6
5:4
3:2
1:0
Preamble coefficient c7
Preamble coefficient c6
Preamble coefficient c5
Preamble coefficient c4
Preamble coefficient c3
Preamble coefficient c2
Preamble coefficient c1
Preamble coefficient c0
h0000
s0.0
s0.0
s0.0
s0.0
s0.0
s0.0
s0.0
s0.0
380
DM000_COEFF_
C23_16
R/W
15:0
Demodulator coefficients
h0000
Demodulator filter
coefficients matched to
bits 000.
Leftmost bit is transmitted
381
DM000_COEFF_
C15_8
R/W
15:0
Demodulator coefficients
h0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com