Electronic Components Datasheet Search
  English  ▼

X  

R2000 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 18Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 19Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 20Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 21Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 22Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 23Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 24Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 25Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
22
compression point requirement. A high impedance tap at the output of the PA is implemented to generate the LO_in
signal used to drive the RX mixers.
Figure 4-7: Mono-static Antenna Scenario
PA
Indy Reader Chip
TX
LO
PA
RX
0/90
Coupler
Pad
A second scenario allows separate antenna connections for receive and transmit as shown in Figure 4-8. The
isolation between the receive and transmit antenna is 25
–30 dB; therefore, the in-band blocker caused by the CW
transmit signal is on the order of +0 dBm. This scenario significantly reduces the compression requirements on the
receiver and allows for a more sensitive receiver. A high impedance tap at the output of the PA is implemented to
generate the LO_in signal used to drive the RX mixers.
Figure 4-8: Bi-static Antenna Scenario
PA
Indy Reader Chip
TX
LO
PA
DET
0/90
Coupler
Pad
RX
Tx
Rx
5.3
RF Transmit and Receive Path Configuration
The previous section provided a simplified explanation of the external circuitry required in the RF trans mit and
receive paths. It ignored topics such as differential signals, gains and losses in the paths, and matching. This section
elaborates slightly on those concepts.
A more detailed view of a single antenna configuration is shown in Figure 4-9. Values shown are taken from the
R2000 development kit. In this figure, the TX, RX, and LO ports are shown as differential, with a balun and
associated matching networks to translate to single-ended signals. The LO and RX/Self-jammer paths are shown in
blue and orange, respectively. The details of the LO and RX paths are shown in the following subsections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com