Electronic Components Datasheet Search
  English  ▼

X  

R2000 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 59Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 60Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 61Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 62Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 63Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 64Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 65Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 66Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
63
Addr.
Name
R/W
Bit
Description
Reset
Type
Comment
430
ANA_TEST1
R/W
11
10
9
8
7
6
5
4
3
2
1
0
rxadc_intest_i_i
rxadc_intest_i_q
pll_test_up
pll_test_down
iflna_itest
iflna_qtest
ifagc_iintest
ifagc_qintest
rxadc_intest_q_i
rxadc_intest_q_q
txfilt_itest
txfilt_qtest
Analog test signals.
pll_test_up:Set PLL
charge pump up
pll_test_down: Set PLL
charge pump down
iflna_itest: Enable IF LNA
test I
iflna_qtest: Enable IF LNA
test Q
ifagc_iintest:
Enable IF
AGC input test I
ifagc_qintest:
Enable IF
AGC input test Q:
rxadc_intest_q_i
Enable
RX ADC input test
rxadc_intest_q_q
I:
rxadc_intest_i_i
Enable
RX ADC input test
rxadc_intest_i_q
Q
txfilt_itest: Enable TX
filter test I
txfilt_qtest: Enable TX
filter test Q
431
ANA_TEST2
R/W
1
0
adc_test
atest_e
Analog test signals
adc_test:
Enables test
feedback of AUX ADC
atest_e:
Enable analog
test bus
43F
ANA_PWR_CTRL
R/W
4
3
2:0
Disable analog power shell
Not used
Gain level
h0000
When the analog power
shell is enabled (default)
the values for pa_power,
pa_mid_match and
txmix_pwr are taken from
the LUT (regs h440-h44F)
based on the gain level
setting.
When the analog power
shell is disabled the values
for pa_power,
pa_mid_match, txmix_pwr,
pa_ssb, txmix_gain and
txfilt_gain are taken form
their corresponding values
in registers h413-h416.
The setting of the gain
level has then no effect.
440
ANA_PWR_CTRL_
LUT0a
R/W
14:9
8:4
3:0
pa_power (reg h415, bits 8:3)
pa_mid_match (reg h416,
bits 14:10)
txmix_pwr (reg h414, bits 6:3)
Gain dependent settings
for gain level 0 (min
power).
441
ANA_PWR_CTRL_
LUT1a
R/W
14:0
Gain dependent settings
for GL 1.
442
ANA_PWR_CTRL_
LUT2a
R/W
14:0
Gain dependent settings
for GL 2.
443
ANA_PWR_CTRL_
LUT3a
R/W
14:0
Gain dependent settings
for GL 3.
444
ANA_PWR_CTRL_
LUT4a
R/W
14:0
Gain dependent settings
for GL 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com