Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 126 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 126 Page - Texas Instruments

Back Button AM625 Datasheet HTML 122Page - Texas Instruments AM625 Datasheet HTML 123Page - Texas Instruments AM625 Datasheet HTML 124Page - Texas Instruments AM625 Datasheet HTML 125Page - Texas Instruments AM625 Datasheet HTML 126Page - Texas Instruments AM625 Datasheet HTML 127Page - Texas Instruments AM625 Datasheet HTML 128Page - Texas Instruments AM625 Datasheet HTML 129Page - Texas Instruments AM625 Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 259 page
background image
7.11.4.2 Output Clocks
The device provides several system clock outputs. Summary of these output clocks are as follows:
• MCU_SYSCLKOUT0
– MCU_PLL0_HSDIV0_CLKOUT (MCU_SYSCLKOUT0) divided by 4 and sent out of the device as
MCU_SYSCLKOUT0. This clock output is provided for test and debug purposes only.
• MCU_OBSCLK0
– Observation clock output for test and debug purposes only.
• WKUP_CLKOUT0
– WKUP domain CLKOUT0 output.
• SYSCLKOUT0
– MAIN_PLL0_HSDIV0_CLKOUT (SYSCLKOUT0) divided by 4 and then sent out of the device as
SYSCLKOUT0. This clock output is provided for test and debug purposes only.
• CLKOUT0
– CLKOUT0 is the Ethernet subsystem clock (MAIN_PLL2_HSDIV1_CLKOUT) divided-by-5 or divided-
by-10. This clock output was provided as an optional source to the external PHY. When configured
to operate as the RMII Clock source (50 MHz) the signal must also be routed back to the respective
RMII[x]_REF_CLK pin for proper device operation.
• OBSCLK0
– Observation clock output for test and debug purposes only.
• AUDIO_EXT_REFCLK[1:0]
– Option of sourcing one of six McASP high-frequency audio reference clocks,
MAIN_PLL1_HSDIV6_CLKOUT, or MAIN_PLL2_HSDIV8_CLKOUT when configured to operate as an
output.
7.11.4.3 PLLs
Power is supplied to the Phase-Locked Loop circuits (PLLs) by internal regulators that derive their power from
off-chip power-sources.
There is one PLL in the MCU domain:
• MCU PLL
There are eight PLLs in the MAIN domain:
• MAIN PLL
• PER0 PLL
• PER1 PLL
• ARM0 PLL
• DDR PLL
• SMS_PLL
• DSS0 PLL
• DSS1 PLL
The system designer should consider the reference clock source start-up time and the PLL lock requirements
before configuring and using any of the PLL outputs as clock sources. The device reference clock input
requirements are defined in Section 7.11.4.1, Input Clocks / Oscillators. PLL configuration details are described
in the device TRM.
For more information on PLLs, see the PLL subsection in the Clocking subsection of the Device Configuration
section in the device TRM.
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
www.ti.com
126
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com